Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S30VTA60 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # S30VTA60
Description  3 Phase Bridge Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S30VTA60 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  S30VTA60_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S30VTA60_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S30VTA60_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S30VTA60_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERISTIC DIAGRAMS
* Sine wave は 50Hz で測定しています。
* 50Hz sine wave is used for measurements.
*半導体製品の特性は一般的にバラツキを持っております。
 Typical は統計的な実力を表しています。
* Semiconductor products generally have characterristic variation.
Typical is a statistical average of the device’s ability.
(J534-1)
179
3 Phase Bridge
S30VTA
100
80
60
40
20
00
50
40
30
20
10


Similar Part No. - S30VTA60_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S30VTA60 SHINDENGEN-S30VTA60 Datasheet
275Kb / 5P
   3 Phase Bridge Diode(600V 30A)
More results

Similar Description - S30VTA60_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
   3 Phase Bridge Diode
logo
SanRex Corporation
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
   3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
   3 Phase Bridge Diode
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
   3 Phase Bridge Diode
S15VTA80 SHINDENGEN-S15VTA80 Datasheet
272Kb / 5P
   3 Phase Bridge Diode
S10VTA60 SHINDENGEN-S10VTA60_17 Datasheet
461Kb / 4P
   3 Phase Bridge Diode
logo
SanRex Corporation
DFA150CB SANREX-DFA150CB Datasheet
856Kb / 3P
   3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80 Datasheet
129Kb / 2P
   3 Phase Bridge Diode
S15VT60 SHINDENGEN-S15VT60_17 Datasheet
440Kb / 4P
   3 Phase Bridge Diode
S20VT60 SHINDENGEN-S20VT60_17 Datasheet
458Kb / 4P
   3 Phase Bridge Diode
logo
Microsemi Corporation
MM002-XX MICROSEMI-MM002-XX Datasheet
97Kb / 2P
   3 PHASE DIODE BRIDGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com