Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB15CRKG01B-12-FB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # KB15CRKG01B-12-FB
Description  General Specifications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

KB15CRKG01B-12-FB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  KB15CRKG01B-12-FB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. KB15CRKG01B-12-FB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Series KB
Miniature Pushbuttons
D24
D
www.nkkswitches.com
Housing
K
Black only
Shapes
Bushing Mounting
S
Square
C
Round
R
Rectangular
Snap-in Mounting
K
Square
M
Round
N
Rectangular
Poles
1
SPDT
2
DPDT
1
C
K
W01
KB
Solid Cap with
Green Lens and Green Filter
Black Housing
Silver Contacts and
Solder Lug Terminals;
Rated 1A @ 125/250V AC
12-volt Incandescent Lamp
Round
with Bushing Mounting
SPDT
ON-(ON) Circuit
Circuits
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
Contacts & Terminals
W01
Silver Contacts and
Solder Lug Terminals
1A @ 125/250V AC
G01
Gold Contacts and
Solder Lug Terminals
0.4VA @ 28V AC/DC
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
KB15CKW01-12-FF
TYPICAL SWITCH
ORDERING EXAMPLE
Barrier Type
No
Code No Barrier
B
With Barrier
IMPORTANT:
Switches are supplied without UL, cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when ordered with marking on the switch.
Specific models, ratings, & ordering instructions are noted on the General
Specifications page.


Similar Part No. - KB15CRKG01B-12-FB

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB15CKG01 NKK-KB15CKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B NKK-KB15CKG01B Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB15CKG01B05A NKK-KB15CKG01B05A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15CKG01B05BB NKK-KB15CKG01B05BB Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
KB15CKG01B12A NKK-KB15CKG01B12A Datasheet
449Kb / 13P
   0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V)
More results

Similar Description - KB15CRKG01B-12-FB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com