Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBA30LN Datasheet(PDF) 7 Page - GOOD-ARK Electronics

Part # GBA30LN
Description  AUTOMOTIVE RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GBA30LN Datasheet(HTML) 7 Page - GOOD-ARK Electronics

  GBA30LN Datasheet HTML 1Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 2Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 3Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 4Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 5Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 6Page - GOOD-ARK Electronics GBA30LN Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AUTOMOTIVE RECTIFIER
苏州固锝电子股份有限公司
SUZHOU GOOD-ARK ELECTRONIC CO., LTD
4.6
40A
37V-42V
(GBA40M)
Electrical Characteristics @25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VDC
28
28
28
Volts
Average Rectified Forward Current (TC=125°C)
Io
40
Amps
Repetitive Peak Reverse Surge Current
TC =10msec Dury Cycle <1%
IRSM
40
Amps
Breakdown Voltage (Vbr@Ir=100mA, TC=25°C)
Ir=60Amps, Tc=150
°C, PW=80μ sec
Vbr1
Vbr2
37
39
42
54
Volts
Volts
Forward Voltage Drop (Vfwd)@If=100Amps<300 μ
sec
VF
0.98
1.04
1.08
Volts
Peak Forward Surge Current
IFSM
600
Amps
Reverse Leakage (VR=20Vdc)TA=25°C
IR
0.2
1.0
2.0
μ Amps
Operating and Storage Junction Temperature Range
TJ, TSTG
-40 to+175
°C
NOTES:
1.Enough heatsink must be considered in application.


Similar Part No. - GBA30LN

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GBA30LN THINKISEMI-GBA30LN Datasheet
1Mb / 3P
   30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
More results

Similar Description - GBA30LN

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
RAS2505 WINNERJOIN-RAS2505 Datasheet
126Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL1505 WINNERJOIN-RAL1505 Datasheet
161Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL3505 WINNERJOIN-RAL3505 Datasheet
107Kb / 2P
   AUTOMOTIVE RECTIFIER
RAL750 WINNERJOIN-RAL750 Datasheet
110Kb / 2P
   AUTOMOTIVE RECTIFIER
RA2505 WINNERJOIN-RA2505 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
AR2500 GOOD-ARK-AR2500 Datasheet
48Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Chenmko Enterprise Co. ...
RA2505PT CHENMKO-RA2505PT Datasheet
92Kb / 2P
   AUTOMOTIVE RECTIFIER
RA3505PT CHENMKO-RA3505PT Datasheet
93Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Galaxy Semi-Conductor H...
ARS2505 BILIN-ARS2505 Datasheet
207Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RAS1505 WINNERJOIN-RAS1505 Datasheet
98Kb / 1P
   AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com