Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFZ125213 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TDFZ125213
Description  RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDFZ125213 Datasheet(HTML) 3 Page - Vishay Siliconix

  TDFZ125213 Datasheet HTML 1Page - Vishay Siliconix TDFZ125213 Datasheet HTML 2Page - Vishay Siliconix TDFZ125213 Datasheet HTML 3Page - Vishay Siliconix TDFZ125213 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TDFZ 125213, TDFZ 125236, TDFZ 125260
www.vishay.com
Vishay Draloric
Revision: 07-Sep-15
3
Document Number: 22125
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING DIAGRAMS
TF125213WN50136CB1, TF125236WN50136CB1
TF125213WN75136CB1, TF125236WN75136CB1
TF125213WN10236CB1, TF125236WN10236CB1
TF125260WF15236CB1
TF125260WF20236CB1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
10
100
1000
10 000
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
4.00 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
10
100
1000
10 000
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
3.00 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
10
100
1000
10 000
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
2.50 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
10
100
1000
10 000
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
3.31 MHz
2.94 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
10
100
1000
10 000
0.1
1
10
100
0.1
1
10
100
1000
Frequency (MHz)
2.70 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)


Similar Part No. - TDFZ125213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ125213 VISHAY-TDFZ125213 Datasheet
202Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 14-Aug-02
More results

Similar Description - TDFZ125213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOSZ118100 VISHAY-TOSZ118100 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ100110 VISHAY-TOSZ100110 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ118078 VISHAY-TOSZ118078 Datasheet
81Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSZ120055 VISHAY-TOSZ120055 Datasheet
83Kb / 3P
   RF Power Barrel Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 11-Sep-15
TOSW118115 VISHAY-TOSW118115 Datasheet
78Kb / 3P
   Watercooled RF Power Barrel Capacitors for Dielectric Heating Equipment
Revision: 21-Jan-16
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
TOSZ VISHAY-TOSZ Datasheet
229Kb / 4P
   Barrel-Style Capacitors for Dielectric Heating Equipment
Revision: 19-Sep-02
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
logo
Taiyo Yuden (U.S.A.), I...
MSASJ063AB5105MFNA01 TAIYO-YUDEN-MSASJ063AB5105MFNA01 Datasheet
434Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type) for General Electronic Equipment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com