Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOF016010 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TOF016010
Description  RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOF016010 Datasheet(HTML) 4 Page - Vishay Siliconix

  TOF016010_17 Datasheet HTML 1Page - Vishay Siliconix TOF016010_17 Datasheet HTML 2Page - Vishay Siliconix TOF016010_17 Datasheet HTML 3Page - Vishay Siliconix TOF016010_17 Datasheet HTML 4Page - Vishay Siliconix TOF016010_17 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TOF 016010, TOS 016010, TOF 025016, TOS 025016
www.vishay.com
Vishay Draloric
Revision: 17-Feb-17
4
Document Number: 22085
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Dimension L1, L2, and L3 will vary depending upon capacitance value
(2) Use wrenches when tightening the screws and nuts on both ends of the capacitor
DIMENSIONS in millimeters (inches)
TYPE
TOF 016010
TOS 016010
TOF 025016
TOS 025016
Diameter Dmax.
16 (0.63)
16 (0.63)
25 (0.98)
25 (0.98)
Thread size
-
M5
4.5 (0.177) depth
-
M6
7 (0.28 depth)
Length L1 max. (1)
-
23 (0.91)
-
35 (1.38)
Length L2 max. (1)
10 (0.39)
10 (0.39)
16 (0.63)
16 (0.63)
Length L3 max. (1)
49 max. (1.93 max.)
-
55 max. (2.17 max.)
-
SW
-
8 (0.31) HEX
-
10 (0.39) HEX
Allowable torque (2)
-
3.5 Nm (31 lbf in)
-
5.0 Nm (44 lbf in)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
D
max.
2.4 ± 0.1
(0.094 ± 0.004)
4
(0.16)
0.5
(0.020)
L
2
L
3
L
1
Thread size
SW
TOF
TOS


Similar Part No. - TOF016010_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
More results

Similar Description - TOF016010_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 25-Feb-16
TOS030033 VISHAY-TOS030033 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 11-Sep-15
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.020080 VISHAY-R.020080 Datasheet
85Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
RA020080 VISHAY-RA020080 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
R.016040 VISHAY-R.016040 Datasheet
89Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com