Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOF016010 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TOF016010
Description  RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOF016010 Datasheet(HTML) 2 Page - Vishay Siliconix

  TOF016010 Datasheet HTML 1Page - Vishay Siliconix TOF016010 Datasheet HTML 2Page - Vishay Siliconix TOF016010 Datasheet HTML 3Page - Vishay Siliconix TOF016010 Datasheet HTML 4Page - Vishay Siliconix TOF016010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TOF 016010, TOS 016010, TOF 025016, TOS 025016
www.vishay.com
Vishay Draloric
Revision: 17-Feb-17
2
Document Number: 22085
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVp)
RATED
POWER (1)
(kvar)
RATED
CURRENT
(ARMS)
TYPE TOS 016010
BS016010BE915##BF1
R7
1.5
5.0
3.0
3.0
BS016010BE920##BF1
2.0
BS016010BE930##BF1
3.0
BS016010BE940##BF1
4.0
BS016010BE950##BG1
R16
5.0
BS016010BE960##BG1
6.0
BS016010BE970##BH1
R42
7.0
4.0
4.0
BS016010BE980##BH1
8.0
BS016010BE100##BH1
10
BS016010BE120##BH1
12
BS016010BE160##BH1
16
BS016010BE200##BJ1
R85
20
5.0
BS016010BE250##BJ1
25
BS016010BE300##BJ1
30
BS016010BE400##BJ1
40
BS016010BE500##BJ1
50
TYPE TOS 025016
BS025016WC920##BF1
R7
2.0
9.0
5.0
5.0
BS025016WC930##BF1
3.0
BS025016WC940##BF1
4.0
BS025016WC950##BF1
5.0
BS025016WC960##BF1
6.0
BS025016WC970##BF1
7.0
BS025016WC980##BG1
R16
8.0
BS025016WC100##BG1
10
BS025016WC120##BH1
R42
12
8.0
6.0
BS025016WC160##BH1
16
BS025016WC200##BH1
20
BS025016WC250##BH1
25
BS025016WC300##BJ1
R85
30
10
10
BS025016WC400##BJ1
40
BS025016WC500##BJ1
50
BS025016WC600##BJ1
60
BS025016WC700##BJ1
70
BS025016WC800##BJ1
80
BS025016WC101##BJ1
100
Notes
•# 14th to 15th digit: capacitance tolerance code < 10 pF: ± 2 pF = 15; ± 1 pF = 14; ± 0.5 pF = 13
 10 pF: ± 20 % = 38; ± 10 % = 36; ± 5 % = 33
(1) The surface temperature during operation must not exceed +100 °C


Similar Part No. - TOF016010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
More results

Similar Description - TOF016010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 25-Feb-16
TOS030033 VISHAY-TOS030033 Datasheet
78Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 11-Sep-15
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
R.020080 VISHAY-R.020080 Datasheet
85Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
RA020080 VISHAY-RA020080 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
R.016040 VISHAY-R.016040 Datasheet
89Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com