Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF060215BJ15338AQ1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TF060215BJ15338AQ1
Description  RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TF060215BJ15338AQ1 Datasheet(HTML) 3 Page - Vishay Siliconix

  TF060215BJ15338AQ1 Datasheet HTML 1Page - Vishay Siliconix TF060215BJ15338AQ1 Datasheet HTML 2Page - Vishay Siliconix TF060215BJ15338AQ1 Datasheet HTML 3Page - Vishay Siliconix TF060215BJ15338AQ1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TDZ 050170, TDFZ 060..., TDFZ 070265
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
3
Document Number: 22126
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DERATING DIAGRAMS
TDZ50170BJ10338AQ1
TF060197WP10338AQ1
TF060215BJ15338AQ1
TF070265WP10338BK1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
0.1
1
10
100
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
0.51 MHz
0.0018 MHz
U
g
Q
g
I
g
0.1
1
10
100
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
Frequency (MHz)
0.72 MHz
0.0016 MHz
U
g
Q
g
I
g
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
Frequency (MHz)
0.57 MHz
0.0028 MHz
U
g
Q
g
I
g
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
100
I
g (ARMS)
Q
g (kvar)
Ug (kV
p)
0.0001
0.001
0.01
0.1
1
10
Frequency (MHz)
0.64 MHz
0.0032 MHz
U
g
Q
g
I
g


Similar Part No. - TF060215BJ15338AQ1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF060303 FRONTIER-TF060303 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N3 FRONTIER-TF060303-0N3 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N4 FRONTIER-TF060303-0N4 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N5 FRONTIER-TF060303-0N5 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
TF060303-0N6 FRONTIER-TF060303-0N6 Datasheet
144Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
More results

Similar Description - TF060215BJ15338AQ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 24-Jan-02
TDZ050170 VISHAY-TDZ050170 Datasheet
273Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 21-Jan-02
T050120 VISHAY-T050120 Datasheet
95Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T020030 VISHAY-T020030 Datasheet
134Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T045090 VISHAY-T045090 Datasheet
132Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
T.045090 VISHAY-T.045090 Datasheet
135Kb / 10P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 14-Sep-15
TDFZ125213 VISHAY-TDFZ125213 Datasheet
86Kb / 4P
   RF Power Pot Capacitors for Dielectric Heating Equipment, R16 HQ Ceramic Dielectric
Revision: 07-Sep-15
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TDFZ170229 VISHAY-TDFZ170229_15 Datasheet
82Kb / 4P
   RF Power Pot Capacitors
Revision: 07-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com