Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8550-MAX8551 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8550-MAX8551
Description  Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8550-MAX8551 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8550-MAX8551 Datasheet HTML 6Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 7Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 8Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 9Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 10Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 11Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 12Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 13Page - Maxim Integrated Products MAX8550-MAX8551 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Integrated DDR Power-Supply Solutions for
Desktops, Notebooks, and Graphic Cards
10
______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
11
PGND2
Power Ground for VTT and VTTR. Connect PGND2 externally to the underside of the exposed pad.
12
VTT
Termination Power-Supply Output. Connect VTT to VTTS to regulate to VREFIN / 2.
13
VTTI
Power-Supply Input Voltage for VTT and VTTR. Normally connected to the output of the buck regulator
for DDR application.
14
REFIN
External Reference Input. This is used to regulate the VTT and VTTR outputs to VREFIN / 2.
15
FB
Feedback Input for Buck Output. Connect to AVDD for a +1.8V fixed output or to GND for a +2.5V fixed
output. For an adjustable output (0.7V to 5.5V), connect FB to a resistive divider from the output
voltage. FB regulates to +0.7V.
16
OUT
Output-Voltage Sense Connection. Connect to the positive terminal of the buck output filter capacitor.
OUT senses the output voltage to determine the on-time for the high-side switching MOSFET (Q1 in the
Typical Applications Circuit). OUT also serves as the buck output’s feedback input in fixed-output
modes. When discharge mode is enabled by OVP/UVP, the output capacitor is discharged through an
internal 10
Ω resistor connected between OUT and GND.
17
VIN
Input-Voltage Sense Connection. Connect to input power source. VIN is used only to set the PWM’s on-
time one-shot timer. IN voltage range is from 2V to 28V.
18
DH
High-Side Gate-Driver Output. Swings from LX to BST. DH is low when in shutdown or UVLO.
19
LX
External Inductor Connection. Connect LX to the input side of the inductor. LX is used for both current
limit and the return supply of the DH driver.
20
BST
Boost Flying-Capacitor Connection. Connect to an external capacitor and diode according to the
Typical Applications Circuit (Figure 8). See the Boost-Supply Diode and Capacitor Selection section.
21
DL
Synchronous-Rectifier Gate-Driver Output. Swings from PGND to VDD.
22
VDD
Supply Input for the DL Gate Drive. Connect to the +4.5V to +5.5V system supply voltage. Bypass to
PGND1 with a 1µF (min) ceramic capacitor.
23
PGND1
Power Ground for Buck Controller. Connect PGND1 externally to the underside of the exposed pad.
24
GND
Analog Ground for Both Buck and LDO. Connect GND externally to the underside of the exposed pad.
SKIP
(MAX8550)
Pulse-Skipping Control Input. Connect to AVDD for low-noise, forced-PWM mode. Connect to GND to
enable pulse-skipping operation.
25
TP1
(MAX8551)
In the MAX8551, this pin is a test pin and must be connected to GND (pin 24).
26
AVDD
Analog Supply Input for Both Buck and LDO. Connect to the +4.5V to +5.5V system supply voltage
with a series 10
Ω resistor. Bypass to GND with a 1µF or greater ceramic capacitor.
27
SHDNA
Shutdown Control Input A. Use to control buck output. A rising edge on SHDNA clears the overvoltage
and undervoltage-protection fault latches (see Tables 2 and 3). Connect to AVDD for normal operation.
28
SHDNB
Shutdown Control Input B. Use to control VTT and VTTR outputs. Both VTTR and VTT are high
impedence in shutdown (see Table 2).


Similar Part No. - MAX8550-MAX8551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
MAX8550A MAXIM-MAX8550A Datasheet
295Kb / 8P
   Evaluation Kit
Rev 1; 11/04
MAX8550AETI MAXIM-MAX8550AETI Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
MAX8550ETI MAXIM-MAX8550ETI Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
More results

Similar Description - MAX8550-MAX8551

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
   Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
   Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G_07 Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com