Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPS080VT10236BJ1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FPS080VT10236BJ1
Description  RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FPS080VT10236BJ1 Datasheet(HTML) 1 Page - Vishay Siliconix

  FPS080VT10236BJ1 Datasheet HTML 1Page - Vishay Siliconix FPS080VT10236BJ1 Datasheet HTML 2Page - Vishay Siliconix FPS080VT10236BJ1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FPS 60, FPS 80, FPS 110
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
1
Document Number: 22099
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Plate Capacitors with Flat Rim, Class 1 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
made from copper / brass, silver plated
FINISH
Capacitor body completely protective lacquered.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, production date code, ceramic material code,
manufacturer logo
ACCESSORIES ADDED
Two screws and washers
FEATURES
• Low losses
• High reliability
• Small dimensions
APPLICATIONS
• Industrial high frequency appliances
• Medical RF equipment
• Filter, bypass, and coupling circuits
CAPACITANCE RANGE
100 pF to 1.0 nF
CAPACITANCE TOLERANCE
± 10 %
CERAMIC DIELECTRICS
• R42 (TCC - 250 ppm/K)
• R85 (TCC - 750 ppm/K)
RATED VOLTAGE
• 3.5 kVp
• 6.0 kVp
• 7.0 kVp
• 10 kVp
• 12 kVp
DIELECTRIC STRENGTH TEST
200 % of rated voltage (50 Hz)
DISSIPATION FACTOR
Max. 0.05 %
Measuring frequencies:
1 MHz (< 1 nF); 300 kHz or 100 kHz (
 1 nF)
INSULATION RESISTANCE
Min. 10 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
-55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
Ceramic Dielectric
R42, R85
R85
R85
Type
FPS 60
FPS 80
FPS 110
Voltage (Vp)
10 000 12 000 3500
7000
6000
Min. Capacitance (pF)
500
100
1000
500
1000
Max. Capacitance (pF)
500
300
1000
500
1000
Mounting
Screw terminal


Similar Part No. - FPS080VT10236BJ1

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FPS009-2305-0 YAMAICHI-FPS009-2305-0 Datasheet
122Kb / 2P
   SD Card and MMC Reader - Push/Push (Small Size)
FPS009-2405-0 YAMAICHI-FPS009-2405-0 Datasheet
74Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2409-0 YAMAICHI-FPS009-2409-0 Datasheet
198Kb / 2P
   SD Card and MMC Reader - Push / Push (Low Profile)
FPS009-2901-0 YAMAICHI-FPS009-2901-0 Datasheet
176Kb / 2P
   SD Card & MMC Reader - Push / Push (Low Profile)
FPS009-2910-0 YAMAICHI-FPS009-2910-0 Datasheet
208Kb / 2P
   SD Card & MMC Reader - Push / Push (with Stand-off)
More results

Similar Description - FPS080VT10236BJ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FPS60 VISHAY-FPS60 Datasheet
115Kb / 2P
   Plate Capacitors with Flat Rim - Class 1 Ceramic
Revision: 14-Aug-02
P70 VISHAY-P70 Datasheet
103Kb / 5P
   RF Power Plate Capacitors with Contoured Rim, Class 1 Ceramic
P.70 VISHAY-P.70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
PS20 VISHAY-PS20 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PEF220 VISHAY-PEF220_16 Datasheet
104Kb / 7P
   RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Revision: 29-Feb-16
FPZ140 VISHAY-FPZ140_13 Datasheet
82Kb / 3P
   RF Power Plate Capacitors for Higher Voltages Class 1 Ceramic
Revision: 01-Mar-13
R.012085 VISHAY-R.012085 Datasheet
82Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
Revision: 04-Sep-15
T085120 VISHAY-T085120 Datasheet
93Kb / 5P
   RF Power Pot Capacitors with Mounting Tags, Class 1 Ceramic
R016040 VISHAY-R016040 Datasheet
87Kb / 4P
   RF Power Tubular Capacitors with Mounting Tags, Class 1 Ceramic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com