Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS030033BJ75036AL1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BS030033BJ75036AL1
Description  RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BS030033BJ75036AL1 Datasheet(HTML) 1 Page - Vishay Siliconix

  BS030033BJ75036AL1 Datasheet HTML 1Page - Vishay Siliconix BS030033BJ75036AL1 Datasheet HTML 2Page - Vishay Siliconix BS030033BJ75036AL1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOS 030033
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
1
Document Number: 22129
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RF Power Barrel Capacitors
with Screw Terminals, Class 1 and Class 2 Ceramic
MATERIAL
Capacitor elements made from class 1 ceramic dielectric
with noble metal electrodes.
Connection terminals:
thread terminal, brass, silver plated.
Allowable torque: 2.9 Nm (26 lbf in)
FINISH
Capacitor body completely protective lacquered.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, production date code,
manufacturer logo.
FEATURES
• High voltage power rating
• Geometry
minimizes
inductance,
optimizes
voltage
withstand and maximizes heat radiation
APPLICATIONS
• Industrial and medical RF power supply
• Filter, bypass and coupling circuits
• Antenna couplers
• Induction heating equipment
CAPACITANCE RANGE
10 pF to 1.5 nF
CAPACITANCE TOLERANCE
• Class 1:
± 10 %
• Class 2:
± 20 %
CERAMIC DIELECTRICS
• Class 1:
C0G, U2J, S3L
• Class 2:
X7R
RATED VOLTAGE
15 kVDC
DIELECTRIC STRENGTH TEST
150 % of rated voltage (15 900 VRMS, 50 Hz, 3 minutes)
DISSIPATION FACTOR
C0G, U2J:
max. 0.05 % (1 MHz)
S3L:
max. 0.20 % (1 MHz)
X7R:
max. 2.5 % (1 kHz)
INSULATION RESISTANCE
Min. 100 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
Class 1:
-55 °C to +100 °C
Class 2:
-55 °C to +85 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
C0G, U2J, S3L
X7R
Type
TOS 030033
Voltage (Vp)
15 000
15 000
Min. Capacitance (pF)
10
750
Max. Capacitance (pF)
500
1500
Mounting
Screw terminal


Similar Part No. - BS030033BJ75036AL1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS0300N-2C BENCENT-BS0300N-2C Datasheet
276Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0300N-C-F BENCENT-BS0300N-C-F Datasheet
349Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results

Similar Description - BS030033BJ75036AL1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 25-Feb-16
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
   RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
TOF016010 VISHAY-TOF016010_17 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
DBZ012058 VISHAY-DBZ012058_15 Datasheet
80Kb / 3P
   RF Power Feed-Through Capacitors with Screw Terminals, Class 1 Ceramic
Revision: 02-Sep-15
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
Revision: 11-Sep-15
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com