Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS030033BJ40136AQ1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BS030033BJ40136AQ1
Description  RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BS030033BJ40136AQ1 Datasheet(HTML) 2 Page - Vishay Siliconix

  BS030033BJ40136AQ1 Datasheet HTML 1Page - Vishay Siliconix BS030033BJ40136AQ1 Datasheet HTML 2Page - Vishay Siliconix BS030033BJ40136AQ1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOS 030033
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
2
Document Number: 22129
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•# 14th to 15th digit: capacitance tolerance code ± 10 % = 36; ± 20 % = 38
• Other capacitance values or metric threads are available on request
(1) The surface temperature during operation must not exceed +100 °C
Notes
• Use wrenches when tightening the screws and nuts on both end of the capacitor
(1) Dimension L1 and L2 will vary depending upon capacitance value
SAP PART NUMBER AND ELECTRICAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVDC)
MAXIMUM POWER RATING (1)
MAXIMUM CURRENT RATING
1.0 MHz
(kvar)
10 MHz
(kvar)
30 MHz
(kvar)
1.0 MHz
(ARMS)
10 MHz
(ARMS)
30 MHz
(ARMS)
BS030033BJ10036AC1
C0G
(NP0)
10
15
7.035
350.7
4.7
8.1
BS030033BJ25036AC1
25
18
35
35
1.7
7.4
13
BS030033BJ50036AC1
50
35
35
35
3.3
11
18
BS030033BJ75036AL1
U2J
(N750)
75
35
35
35
4.1
13
22
BS030033BJ10136AL1
100
35
35
35
4.7
15
26
BS030033BJ15136AL1
150
22
22
22
4.6
14
25
BS030033BJ20136AL1
200
15
15
15
4.3
14
24
BS030033BJ30136AQ1
S3L
(N3300)
300
5
5
5
3.1
10
17
BS030033BJ40136AQ1
400
5
5
5
3.6
11
19
BS030033BJ50136AQ1
500
5
5
5
4.0
13
22
BS030033BJ75138AV1
X7R
(R2000)
750
0.5
0.5
0.5
1.5
5.0
8.4
BS030033BJ10238AV1
1000
0.5
0.5
0.5
1.8
6.0
9.7
BS030033BJ12238AV1
1200
0.5
0.5
0.5
2.0
6.0
12
BS030033BJ15238AV1
1500
0.5
0.5
0.5
2.2
6.0
12
DIMENSIONS in millimeters (inches)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
Ø 30
(1.18 Dia.)
9.5
(0.374)
10-32 UNF thread
6.35 (0.25) depth
L
2 max. = 33 (1.30)
(1)
L
1 max. = 48 (1.89)
(1)


Similar Part No. - BS030033BJ40136AQ1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS0300N-2C BENCENT-BS0300N-2C Datasheet
276Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0300N-C-F BENCENT-BS0300N-C-F Datasheet
349Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results

Similar Description - BS030033BJ40136AQ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016_16 Datasheet
80Kb / 3P
   RF Power Barrel Capacitors with Screw Terminals, Class 1 and Class 2 Ceramic
Revision: 25-Feb-16
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
   RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
TOF016010 VISHAY-TOF016010_17 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
DBZ012058 VISHAY-DBZ012058_15 Datasheet
80Kb / 3P
   RF Power Feed-Through Capacitors with Screw Terminals, Class 1 Ceramic
Revision: 02-Sep-15
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
T030090 VISHAY-T030090 Datasheet
99Kb / 6P
   RF Power Pot Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
TOSZ114096 VISHAY-TOSZ114096_15 Datasheet
74Kb / 3P
   RF Power Barrel Capacitors for Higher Voltages Class 1 Ceramic
Revision: 11-Sep-15
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com