Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8551ETI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8551ETI
Description  Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8551ETI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8551ETI Datasheet HTML 2Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 3Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 4Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 5Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 6Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 7Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 8Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 9Page - Maxim Integrated Products MAX8551ETI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Integrated DDR Power-Supply Solutions for
Desktops, Notebooks, and Graphic Cards
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VVIN = 12V, VOUT = 2.5V, TON = GND, SKIP = AVDD, circuit of Figure 8, TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
(TON = GND)
ILOAD (A)
10
1
0.1
60
70
80
90
100
50
10
20
30
40
0
0.01
100
fSW = 600kHz
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
SKIP = GND
SKIP = AVDD
EFFICIENCY vs. LOAD CURRENT
(TON = OPEN)
ILOAD (A)
10
1
0.1
10
20
30
40
50
60
70
80
90
100
0
0.01
100
fSW = 300kHz
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
SKIP = GND
SKIP = AVDD
SWITCHING FREQUENCY vs. LOAD CURRENT
(TON = GND)
ILOAD (A)
11
10
8
9
2
3
4
5
6
7
1
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
012
SKIP = GND
SKIP = AVDD
SWITCHING FREQUENCY vs. INPUT VOLTAGE
(TON = GND)
VIN (V)
26
24
20 22
8 10 12 14 16 18
6
420
440
460
480
500
540
520
560
580
600
620
640
660
680
700
400
428
ILOAD = 12A
ILOAD = 0A
SWITCHING FREQUENCY vs. TEMPERATURE
(TON = GND)
TEMPERATURE (
°C)
80
65
50
35
20
5
-10
-25
650
660
670
680
690
700
600
640
630
620
610
-40
ILOAD = 12A
OUTPUT VOLTAGE
vs. LOAD CURRENT
ILOAD (A)
12
10
6
8
4
2
2.495
2.500
2.505
2.510
2.515
2.520
2.525
2.530
2.535
2.540
2.490
014
VIN = 15V,
TON = GND
SKIP = GND
SKIP = AVDD
VTT VOLTAGE
vs. VTT CURRENT
IVTT (A)
2
1
-2
-1
0
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.20
-3
3
VTTR VOLTAGE
vs. VTTR CURRENT
IVTTR (mA)
10
5
-10
-5
0
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.20
-15
15
LINE REGULATION
(VOUT vs. VIN)
VIN (V)
26
24
20 22
8 10 12 14 16 18
6
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.45
428
ILOAD = 0A
ILOAD = 12A


Similar Part No. - MAX8551ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8551ETI MAXIM-MAX8551ETI Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8551ETI++ MAXIM-MAX8551ETI+ Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
More results

Similar Description - MAX8551ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8550 MAXIM-MAX8550 Datasheet
588Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
19-3173; Rev 3; 4/13
MAX8550 MAXIM-MAX8550_13 Datasheet
493Kb / 29P
   Integrated DDR Power-Supply Solutions for Desktops, Notebooks, and Graphic Cards
Rev 3; 4/13
MAX8632 MAXIM-MAX8632 Datasheet
512Kb / 29P
   Integrated DDR Power-Supply Solution for Desktops,Notebooks, and Graphic Cards
Rev 0; 3/05
MAX8550A MAXIM-MAX8550A Datasheet
1,013Kb / 29P
   Intergrated DDR Power-Solution for Desktops, Notebooks, and Graphi Bill
Rev 0; 5/04
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
logo
NXP Semiconductors
HTSMOH5601EV118 NXP-HTSMOH5601EV118 Datasheet
1Mb / 51P
   Integrated Circuit for Contactless Identification Transponders and Cards
2006 July 18
logo
STMicroelectronics
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
   System power supply board for digital solutions
logo
Rohm
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
logo
ON Semiconductor
NUP2201MR6T1G ONSEMI-NUP2201MR6T1G_07 Datasheet
1Mb / 6P
   Integrated Solutions for USB Line Protection and Termination
Rev.4, Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com