Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV422 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV422
Description  Dual Rail-to-Rail Output Operational Amplifier with
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV422 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV422 Datasheet HTML 1Page - National Semiconductor (TI) LMV422 Datasheet HTML 2Page - National Semiconductor (TI) LMV422 Datasheet HTML 3Page - National Semiconductor (TI) LMV422 Datasheet HTML 4Page - National Semiconductor (TI) LMV422 Datasheet HTML 5Page - National Semiconductor (TI) LMV422 Datasheet HTML 6Page - National Semiconductor (TI) LMV422 Datasheet HTML 7Page - National Semiconductor (TI) LMV422 Datasheet HTML 8Page - National Semiconductor (TI) LMV422 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5V Full Power Mode Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V= 0V, V
CM =VO =V
+/2, PS = V. Boldface lim-
its apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
i
n
Input-Referred Current Noise
f = 1 kHz
0.006
pA/
t
LF
Time from Low Power Mode
to Full Power Mode
210
ns
TH
PS
Full Power Mode Voltage
Threshold
0.5
V
I
PS
Input Current PS pin(Note 7)
−2
µA
5V Low Power Mode Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 5V, V= 0V, V
CM =VO =V
+/2, PS = V+ or Open. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
1
4
5.5
mV
∆V
OS
Input Offset Voltage Difference V
OS in Full Power Mode −
V
OS in Low Power Mode
0.1
1
mV
TC V
OS
Input Offset Average Drift
(Note 9)
2
µV/C
I
B
Input Bias Current
5
pA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 3.5V
60
55
82
dB
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V
62
60
90
dB
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
0
3.5
V
A
VOL
Large Signal Voltage Gain
R
L =1M
V
O = 0.75 to 4V
62
54
72
dB
V
O
Output Swing High
R
L =1M
4.94
4.89
4.98
V
Output Swing Low
R
L =1M
150
200
250
mV
I
SC
Output Short Circuit Current
Sourcing, V
O =0V
V
ID = 200 mV
40
140
µA
Sinking, V
O =5V
V
ID = −200 mV
25
130
I
S
Supply Current per channel
PS
≥ 4. 5V
2
3.5
4.5
µA
SR
Slew Rate
V
O = 3V, AV = +2
8
14
V/ms
GBW
Gain Bandwidth Product
27
kHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
40
nV/
f = 1 kHz
60
i
n
Input-Referred Current Noise
f = 1 kHz
0.06
pA/
t
FL
Time from Full Power Mode to
Low Power Mode
500
ns
TH
PS
Low Power Mode Voltage
Threshold
4.5
V
I
PS
Input Current PS pin (Note 7)
8
nA
www.national.com
3


Similar Part No. - LMV422

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV431 NSC-LMV431 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431 NSC-LMV431 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
LMV431A NSC-LMV431A Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
556Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt Regulators
LMV431ACM5 NSC-LMV431ACM5 Datasheet
938Kb / 16P
   Low-Voltage (1.24V) Adjustable Precision Shunt
More results

Similar Description - LMV422

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Unisonic Technologies
LV321 UTC-LV321_18 Datasheet
427Kb / 10P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
   Rail-to-rail, high output current dual operational amplifier
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
   Rail-to-rail high output current dual operational amplifier
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com