Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8500BEFVBF31 Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8500BEFVBF31
Description  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8500BEFVBF31 Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8500BEFVBF31 Datasheet HTML 1Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 2Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 3Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 4Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 5Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 6Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 7Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 8Page - Analog Microelectronics AME8500BEFVBF31 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AME, Inc.
4
µµµµµProcessor Supervisory
AME8500 / 8501
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8501 x x x x x x x x
Output Driver Option
Reset Time (T
D2NOM)
VDD Threshold Voltage (V
TH)
AME8500 x x x x x x x x
A
1. GND
E: -40OC to 85OC E: SOT-2X
T: 3
A: RESETB /PP A: 1.5 ms
15: VTH= 1.5V
L: Low profile
(SOT-23)
2. Reset/
F: SOT-89
V: 5
B: RESETB /OD D: 30 ms
16: VTH= 1.6V
Y:
ResetB
C: RESET/ PP
E: 150 ms 18: VTH= 1.8V
3. VDD
D: RESET/ OD
F: 210 ms 19: VTH= 1.9V
Z: Lead free
B
1. Reset/
20: VTH= 2.0V
(SOT-23)
ResetB
21: VTH= 2.1V
2. GND
22: VTH= 2.2V
3. VDD
23: VTH= 2.32V
C
1. Reset/
24: VTH= 2.4V
(SOT-23)
ResetB
26: VTH= 2.63V
2. VDD
27: VTH= 2.7V
3. GND
28: VTH= 2.8V
A
1. GND
29: VTH= 2.93V
(SOT-89)
2. VDD
31: VTH= 3.08V
3. Reset/
40: VTH= 4.0V
ResetB
42: VTH= 4.2V
B
1. Reset/
44: VTH= 4.38V
(SOT-89)
ResetB
46: VTH= 4.63V
2. VDD
3. GND
C
1. VDD
(SOT-89)
2. GND
3. Reset/
ResetB
Lead free &
Low profile
Output Driver
Option
Characteristic
of RESET or
RESETB pin
Special
Feature
Reset
Time
(TD2NOM)
VDD
Threshold
Voltage (VTH)
Package
Type
Number
of
Pins
Operating
Temperature
Range
Pin
Configuration
(PP = Push pull out)
(RESET = Active High)
(RESETB = Active Low)
(OD = Open drain output
polarity)


Similar Part No. - AME8500BEFVBF31

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500BEFT AME-AME8500BEFT Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500BEFTAA27 AME-AME8500BEFTAA27 Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

Similar Description - AME8500BEFVBF31

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com