Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC21CPFB Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV320AIC21CPFB
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC21CPFB Datasheet(HTML) 3 Page - Texas Instruments

  TLV320AIC21CPFB Datasheet HTML 1Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 2Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 3Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 4Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 5Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 6Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 7Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 8Page - Texas Instruments TLV320AIC21CPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
www.ti.com
PFB
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
37
38
39
40
41
42
43
44
45
46
47
48
VSS
RESET
MCLK
M/S
SCLK
FS
DIN
DOUT
DVSS
DVDD
FSD
IOVSS
LCDAC
HNSO-
HNSO+
HNSI-
HNSI+
AVDD
AVSS
LINEI+
LINEI-
LINEO-
LINEO+
NC
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
HDSI-
1
I
Head-set input. The Head-set input can be treated similar to the Line-input pins
HDSI+
2
HDSO-
3
O
150-
Ω output
HDSO+
4
AVDD2
5
I
Analog power supply
AVSS2
6
I
Analog ground
TESTP
7
I
Test pin. Should be connected to digital ground.
NC
8, 48
Not connected
PWRDN
9
I
Power down
SDA
10
I/O
I2C/S2C data
SCL
11
I
I2C/S2C clock
IOVDD
12
I
I/O power supply
IOVSS
13
I
I/O ground
FSD
14
O
Frame sync delayed
DVDD
15
I
Digital supply (1.8 V)
DVSS
16
I
Digital ground
DOUT
17
O
Data OUT
DIN
18
I
Data IN
FS
19
I/O
Frame sync
SCLK
20
I/O
Serial clock
3


Similar Part No. - TLV320AIC21CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC21CPFB TI-TLV320AIC21CPFB Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21CPFBG4 TI-TLV320AIC21CPFBG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21CPFBR TI-TLV320AIC21CPFBR Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
TLV320AIC21CPFBRG4 TI-TLV320AIC21CPFBRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC21CPFB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com