Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015477768 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015477768
Description  2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015477768 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015477768_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015477768_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
245
Material Info
Engineering Number
A-70568-0100
Reference - Drawing Numbers
Packaging Specification
PK-70873-0018
Product Specification
PS-70567-001
Sales Drawing
SDA-70568-****
This document was generated on 10/31/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015477768_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015477768 MOLEX2-0015477768 Datasheet
388Kb / 4P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, High Temperature, Shrouded, with Peg, 68 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results

Similar Description - 0015477768_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015477510 MOLEX1-0015477510_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477512 MOLEX1-0015477512_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477516 MOLEX1-0015477516_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477566 MOLEX1-0015477566_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477606 MOLEX1-0015477606_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477616 MOLEX1-0015477616_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477618 MOLEX1-0015477618_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477638 MOLEX1-0015477638_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477656 MOLEX1-0015477656_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477658 MOLEX1-0015477658_17 Datasheet
28Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
0015477668 MOLEX1-0015477668_17 Datasheet
29Kb / 2P
   2.54mm Pitch C-Grid Header, Through Hole, Dual Row, Vertical, High Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com