Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQH70N10 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQH70N10
Description  FQH70N10 100V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQH70N10 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQH70N10 Datasheet HTML 1Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 2Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 3Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 4Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 5Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 6Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 7Page - Fairchild Semiconductor FQH70N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. A, December 2003
QFET®
FQH70N10
100V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for low voltage applications such as audio amplifier,
high efficiency switching DC/DC converters, and DC motor
control.
Features
• 70A, 100V, RDS(on) = 0.023Ω @VGS = 10 V
• Low gate charge ( typical 85 nC)
• Low Crss ( typical 150 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175
°C maximum junction temperature rating
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQH70N10
Units
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
70
A
- Continuous (TC = 100°C)
49.5
A
IDM
Drain Current
- Pulsed
(Note 1)
280
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
1300
mJ
IAR
Avalanche Current
(Note 1)
70
A
EAR
Repetitive Avalanche Energy
(Note 1)
21.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.0
V/ns
PD
Power Dissipation (TC = 25°C)
214
W
- Derate above 25°C
1.43
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.7
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
G
S
D
TO-247
FQH Series


Similar Part No. - FQH70N10

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQH70N10 ISC-FQH70N10 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQH70N10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com