Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

615R100GAD10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 615R100GAD10
Description  High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

615R100GAD10 Datasheet(HTML) 3 Page - Vishay Siliconix

  615R100GAD10 Datasheet HTML 1Page - Vishay Siliconix 615R100GAD10 Datasheet HTML 2Page - Vishay Siliconix 615R100GAD10 Datasheet HTML 3Page - Vishay Siliconix 615R100GAD10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
615R Series
www.vishay.com
Vishay Cera-Mite
Revision: 09-Mar-16
3
Document Number: 23119
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE CHANGE VS. VOLTAGE (typical)
ORDERING INFORMATION, CERAMIC 15 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 0.040"
(± 1 mm)
LO
LEAD OFFSET
INCH (mm)
± 0.020"
(± 0.5 mm)
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
T3M (N4700)
100
± 20
0.490 (12.4)
0.470 (11.9)
0.500 (12.7)
0.370 (9.4)
20
0.032 (0.81)
615R150GATT10
250
0.670 (17.0)
0.460 (11.7)
0.750 (19.1)
0.362 (9.2)
615R150GATT25
390
0.750 (19.1)
0.425 (10.8)
0.283 (7.2)
615R150GATT39
500
0.810 (20.6)
0.382 (9.7)
0.283 (7.2)
615R150GATT50
750
1.063 (27.0)
0.430 (10.9)
0.331 (8.4)
615R150GATT75
X5F
100
± 20
0.670 (17.0)
0.430 (10.9)
0.750 (19.1)
0.331 (8.4)
20
0.032 (0.81)
615R150GAT10
250
0.455 (11.6)
0.358 (9.1)
615R150GAT25
Y5R
100
± 20
0.490 (12.4)
0.449 (11.4)
0.500 (12.7)
0.350 (8.9)
20
0.032 (0.81)
615R150GAST10
250
0.480 (12.2)
0.382 (9.7)
615R150GAST25
500
0.670 (17.0)
0.450 (11.4)
0.750 (19.1)
0.331 (8.4)
615R150GAT50
1000
0.980 (24.9)
0.460 (11.7)
0.362 (9.2)
615R150GATD10
Y5U
500
+ 80 / - 20
0.490 (12.4)
0.375 (9.5)
0.500 (12.7)
0.276 (7.0)
20
0.032 (0.81)
615R150GAST50
1000
0.670 (17.0)
0.420 (10.7)
0.750 (19.1)
0.323 (8.2)
615R150GAD10
Z5U
2200
+ 80 / - 20
0.980 (24.9)
0.510 (13.0)
0.750 (19.1)
0.413 (10.5)
20
0.032 (0.81)
615R150GAD22
2500
0.450 (11.4)
0.350 (8.9)
615R150GAD25
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
102030405060708090
100
U
R (%)
Z5U
ΔC/C = f (U
R)
T3M (N4700)
Y5R / X5F
Y5U


Similar Part No. - 615R100GAD10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
615 ETC2-615 Datasheet
177Kb / 1P
   BRACKET
logo
3M Electronics
615 3M-615 Datasheet
77Kb / 3P
   Fire Barrier Duct Wrap 615
logo
MTU Onsite Energy Corpo...
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
logo
Gilway Technical Lamp
6150 GILWAY-6150 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
Schurter Inc.
6150 SCHURTER-6150 Datasheet
343Kb / 2P
   IEC Appliance Inlet C14, mates to Felcom
More results

Similar Description - 615R100GAD10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
660R VISHAY-660R Datasheet
89Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
   High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
Revision: 19-Jan-17
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
01-Jan-2022
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com