Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1576 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1576
Description  480mA White LED 1x/1.5x/2x Charge Pump for Backlighting and Camera Flash
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1576 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1576 Datasheet HTML 1Page - Maxim Integrated Products MAX1576 Datasheet HTML 2Page - Maxim Integrated Products MAX1576 Datasheet HTML 3Page - Maxim Integrated Products MAX1576 Datasheet HTML 4Page - Maxim Integrated Products MAX1576 Datasheet HTML 5Page - Maxim Integrated Products MAX1576 Datasheet HTML 6Page - Maxim Integrated Products MAX1576 Datasheet HTML 7Page - Maxim Integrated Products MAX1576 Datasheet HTML 8Page - Maxim Integrated Products MAX1576 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MC14489B
MOTOROLA
4
AC ELECTRICAL CHARACTERISTICS (TJ = – 40° to 130°C*, CL = 50 pF, Input tr = tf = 10 ns)
Symbol
Parameter
VDD
V
Guaranteed
Limit
Unit
fclk
Serial Data Clock Frequency, Single Device or Cascaded Devices
NOTE: Refer to Clock tw below
(Figure 1)
3.0
4.5
5.5
dc to 3.0
dc to 4.0
dc to 4.0
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Data Out
(Figures 1 and 5)
3.0
4.5
5.5
140
80
80
ns
tTLH,
tTHL
Maximum Output Transistion Time, Data Out
(Figures 1 and 5)
3.0
4.5
5.5
70
50
50
ns
fR
Refresh Rate — Bank 1 through Bank 5
(Figures 2 and 6)
3.0
4.5
5.5
NA
700 to 1900
700 to 1900
Hz
Cin
Maximum Input Capacitance — Data In, Clock, Enable
10
pF
* See Thermal Considerations section.
TIMING REQUIREMENTS (TJ = – 40° to 130°C*, Input tr = tf = 10 ns unless otherwise indicated)
Symbol
Parameter
VDD
V
Guaranteed
Limit
Unit
tsu, th
Minimum Setup and Hold Times, Data In versus Clock
(Figure 3)
3.0
4.5
5.5
50
40
40
ns
tsu, th,
trec
Minimum Setup, Hold, ** and Recovery Times, Enable versus Clock
(Figure 4)
3.0
4.5
5.5
150
100
100
ns
tw(L)
Minimum Active–Low Pulse Width, Enable
(Figure 4)
3.0
4.5
5.5
4.5
3.4
3.4
µs
tw(H)
Minimum Inactive–High Pulse Width, Enable
(Figure 4)
3.0
4.5
5.5
300
150
150
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
3.0
4.5
5.5
167
125
125
ns
tr, tf
Maximum Input Rise and Fall Times — Data In, Clock, Enable
(Figure 1)
3.0
4.5
5.5
1
1
1
ms
* See Thermal Considerations section.
** For a high–speed 8–Clock access, th for Enable is determined as follows:
VDD = 3 to 4.5 V, fclk > 1.78 MHz: th = 4350 – (7500/fclk)
VDD = 4.5 to 5.5 V, f
clk > 2.34 MHz: th = 3300 – (7500/fclk)
where th is in ns and fclk is in MHz.
NOTES:
1. This restriction does NOT apply for fclk rates less than those listed above. For “slow” fclk rates, use the th limits in the above table.
2. This restriction does NOT apply for an access involving more than 8 Clocks. For > 8 Clocks, use the th limits in the above table.


Similar Part No. - MAX1576

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1576

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
   120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
   1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
   1X/1.5X/2x Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
   1x/1.5x/2x Charge Pump for White LED Application
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
   1X/1.5X/2x Charge Pump White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analogic Techn...
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com