Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HR35
Description  High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HR35 Datasheet(HTML) 2 Page - Vishay Siliconix

  HR35 Datasheet HTML 1Page - Vishay Siliconix HR35 Datasheet HTML 2Page - Vishay Siliconix HR35 Datasheet HTML 3Page - Vishay Siliconix HR35 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HR22, HR30, HR35
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22162
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER, ELECTRICAL AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
D1
mm
(inch)
D2
mm
(inch)
H
mm
(inch)
TYPE HR22
HR0022VR75138AX1
R2000H (Z5U)
750
2.8
10 (0.39)
22 (0.87)
7.5 (0.295)
HR0022VR10238AX1
1000
5.6 (0.220)
HR0022VR20291BB1
R6000 (Y5U)
2000
8.0 (0.315)
HR0022VR30291BB1
3000
5.3 (0.209)
TYPE HR30
HR0030VT15238AX1
R2000H (Z5U)
1500
3.5
12 (0.47)
30 (1.81)
7.6 (0.295)
HR0030VW25291BB1
R6000 (Y5U)
2500
5.6
10.0 (0.394)
HR0030VR50291BB1
5000
2.8
5.0 (0.197)
TYPE HR35
HR0035VT10138BJ1
R85 (U2J)
100
3.5
12 (0.47)
35 (1.38)
7.0 (0.276)
HR0035BB50291BA1
R4000 (Y5U)
5000
2.0
5.2 (0.205)
DIMENSIONS in millimeters (inches)
MOUNTING GUIDELINES
Ring style capacitors can be mounted in series.
• Avoid installation in which too much pressure or torque is applied to the capacitor elements
• Use spring washers in order to prevent the generation of physical stress to the capacitor elements and noble metal electrodes
• The capacitor elements must not be used as a mechanical support for other devices or components
CERAMIC CHARACTERISTICS (TYPICAL)
CAPACITANCE CHANGE VS. TEMPERATURE
DC VOLTAGE DEPENDENCE OF CAPACITANCE
H
+ 1 (+ 0.04)
- 0.5 (- 0.02)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
-55
-35
-15
5
25
45
65
85
105
125
Temperature (
°C)
R85 (U2J)
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90
100
DC Rated Voltage (%)
R85 (U2J)


Similar Part No. - HR35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HR35 VISHAY-HR35 Datasheet
70Kb / 2P
   Ring Style High Voltage Capacitors
Revision: 08-Feb-06
More results

Similar Description - HR35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
   Barrel-Style Capacitors - Class 1 and 2 Ceramic
Revision: 29-Apr-02
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
   Barrel-Style Capacitors - Class 1 Ceramic
Revision: 21-Nov-01
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
   RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-2006
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
176Kb / 4P
   Ceramic High Voltage Disc Capacitors, Class 1
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com