Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC20CPFBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC20CPFBRG4
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC20CPFBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC20CPFBRG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC20CPFBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
www.ti.com
FEATURES
APPLICATIONS
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Low-Power, Highly-Integrated, Programmable
16-Bit, 26-KSPS, Dual-Channel CODEC
Differential and Single-Ended Analog
Input/Output
Stereo 16-Bit Oversampling Sigma-Delta A/D
Converter
Built-In Analog Functions:
Stereo 16-Bit Oversampling Sigma-Delta D/A
– Analog and Digital Sidetone
Converter
– Antialiasing Filter (AAF)
Support Maximum Master Clock of 100 MHz to
– Programmable Input and Output Gain
Allow DSPs Output Clock to be Used as a
Control (PGA)
Master Clock
– Microphone/Handset/Headset Amplifiers
Selectable FIR/IIR Filter With Bypassing
– AIC20/21/20K Have a Built-In 8-
Ω Speaker
Option
Driver
Programmable Sampling Rate up to:
– Power Management With Hardware/Software
– Max 26 Ksps With On-Chip IIR/FIR Filter
Power-Down Modes 30 µW
– Max 104 Ksps With IIR/FIR Bypassed
Separate Software Control for ADC and DAC
On-Chip FIR Produced 84-dB SNR for ADC
Power Down
and 92-dB SNR for DAC over 13-Khz BW
Fully Compatible With Common TMS320
® DSP
Smart Time Division Multiplexed (SMARTDM
®)
Family and Microcontroller Power Supplies
Serial Port
– 1.65-V - 1.95-V Digital Core Power
– Glueless 4-Wire Interface to DSP
– 1.1-V - 3.6-V Digital I/O
– Automatic Cascade Detection (ACD)
– 2.7-V - 3.6-V Analog
Self-Generates Master/Slave Device
Internal Reference Voltage (Vref)
Addresses
2s Complement Data Format
– Programming Mode to Allow On-The-Fly
Test Mode Which Includes Digital Loopback
Reconfiguration
and Analog Loopback
– Continuous Data Transfer Mode to Minimize
Bit Clock Speed
– Support Different Sampling Rate for Each
Wireless Accessories
Device
Hands-Free Car Kits
– Turbo Mode to Maximize Bit Clock For
VOIP
Faster Data Transfer and Allow Multiple
Cable Modem
Serial Devices to Share the Same Bus
Speech Processing
– Allows up to Eight Devices to be Connected
to a Single Serial Port
Host port
– 2-Wire Interface
– Selectable I
2C or S2C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SMARTDM, TMS320, TMS320C5000, TMS320C6000 are registered trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC20CPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20CPFBRG4 TI-TLV320AIC20CPFBRG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC20CPFBRG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com