Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015445142 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015445142
Description  2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015445142 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015445142_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015445142_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
2.5A
Grounding to PCB
No
Voltage - Maximum
500V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
040
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
003
Process Temperature max. C
260
Material Info
Engineering Number
71850-0212
Reference - Drawing Numbers
Product Specification
PS-70181-001, TS-70541-001-001
Sales Drawing
SDA-71850-0***
This document was generated on 10/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015445142_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015445142 MOLEX1-0015445142 Datasheet
384Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 42 Circuits
More results

Similar Description - 0015445142_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015445814 MOLEX1-0015445814_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445856 MOLEX1-0015445856_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445864 MOLEX1-0015445864_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445120 MOLEX1-0015445120_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445830 MOLEX1-0015445830_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445138 MOLEX1-0015445138_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445146 MOLEX1-0015445146_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445174 MOLEX1-0015445174_17 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical,
0015445176 MOLEX1-0015445176_17 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445852 MOLEX1-0015445852_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445854 MOLEX1-0015445854_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com