Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC24CPFBG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV320AIC24CPFBG4
Description  Layout and Grounding Guidelines for TLV320AIC2x
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC24CPFBG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC24CPFBG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC24CPFBG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
www.ti.com
Digital Inputs and Outputs
ADC PATH FILTER
ADC DYNAMIC PERFORMANCE
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
FS = 8 KHz, outputs not loaded
PARAMETER
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, DOUT
0.8 IOVDD
V
VOL
Low-level output voltage, DOUT
0.1 IOVDD
V
IIH
High-level input current, any digital input
5
µA
IIL
Low-level input current, any digital input
5
µA
Ci
Input capacitance
3
pF
Co
Output capacitance
5
pF
FS = 8 KHz (1)(2)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
PATH FILTER
FIR FILTER
IIR FILTER
0 Hz to 60 Hz
-27 / 0.07
-27 / 0.15
60 Hz to 200 Hz
-1 / 0.07
-0.75 / 0.15
200 Hz to 300 Hz
-0.03 / 0.05
0. 11 / 0.15
300 Hz to 2.4 KHz
-0.1
0.15
-0.1
0.25
Filter gain relative to gain
2.4 kHz to 3 kHz
-0.05
0.15
-0.5
0.2
dB
at 1020 Hz
3 kHz to 3.4 KHz
-0.5
0.1
-0.5
0.2
3.4 kHz to 3.6 KHz
-0.4
0.15
4 KHz
-26
-42
4.5 KHz to 72 kHz
-52
-52
(1)
The filter gain outside of the passband is measured with respect to the gain at 1020 Hz. The analog input test signal is a sine wave with
0 dB = 4 VI(PP) as the reference level for the analog input signal. The pass band is 0 to 3600 Hz for an 8-KHz sample rate. This pass
band scales linearly with the sample rate.
(2)
The filter characteristics are specified by design and are not tested in production. In places where more than one value is specified, the
first value is with the High Pass Filter on and the second value is with the HPF off
With FIR Filter, FS = 8 KHz (1)
TEST
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
CONDITIONS
Line In Driver
AIC20/21/24/25
AIC20k/24k
VI = -3 dB
81
84
70
84
SNR
Signal-to-noise ratio
VI = -9 dB
73
76
76
VI = -3 dB
83
90
70
90
THD
Total harmonic distortion
dB
VI = -9 dB
81
88
88
VI = -3 dB
80
83
83
Signal-to-harmonic
THD+N
distortion + noise
VI = -9 dB
73
76
76
(1)
The test condition is a differential 1020-Hz input signal with an 8-KHz conversion rate. Input and output common mode is 1.35 V.
6


Similar Part No. - TLV320AIC24CPFBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC24CPFBG4 TI-TLV320AIC24CPFBG4 Datasheet
1Mb / 63P
[Old version datasheet]   LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
More results

Similar Description - TLV320AIC24CPFBG4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5061 FAIRCHILD-AN-5061 Datasheet
129Kb / 4P
   Layout Guidelines
logo
Silicon Laboratories
AN644 SILABS-AN644 Datasheet
1Mb / 15P
   Si477X LAYOUT GUIDELINES
logo
STMicroelectronics
AN2797 STMICROELECTRONICS-AN2797 Datasheet
421Kb / 23P
   PCB layout guidelines for SPEAr600
AN2674 STMICROELECTRONICS-AN2674 Datasheet
549Kb / 22P
   PCB layout guidelines for SPEAr3xx
logo
Fairchild Semiconductor
AN-1577 FAIRCHILD-AN-1577 Datasheet
622Kb / 6P
   SG1577A Layout Guidelines
logo
Silicon Laboratories
AN400 SILABS-AN400 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN383 SILABS-AN383 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
   Demonstrates recommended layout and grounding arrangements
logo
Silicon Laboratories
AN350 SILABS-AN350 Datasheet
1Mb / 8P
   Si4708/09 ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
AN738 SILABS-AN738 Datasheet
1Mb / 37P
   Si4825/36-A ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com