Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKT-K02C Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MKT-K02C
Description  METAL CAN, TO-3 2 LEAD LOW PROFILE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MKT-K02C Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MKT-K02C Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MKT-K02C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MKT-D14D NSC-MKT-D14D Datasheet
60Kb / 1P
   DIP, SIDEBRAZED CERAMIC 14 LEAD
MKT-D20A NSC-MKT-D20A Datasheet
32Kb / 1P
   MKT-D20A
MKT-D40J NSC-MKT-D40J Datasheet
34Kb / 1P
   HERMETIC DIP, 40 LEAD, DUAL CAVITY
logo
List of Unclassifed Man...
MKT-D48A ETC1-MKT-D48A Datasheet
69Kb / 1P
   MKT-D48A
logo
Fairchild Semiconductor
MKT-DO41A FAIRCHILD-MKT-DO41A Datasheet
150Kb / 4P
   Fast Rectifiers
Rev. 1.8 1999
More results

Similar Description - MKT-K02C

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SXTHS2 SUNTSU-SXTHS2 Datasheet
187Kb / 2P
   Metal Can DIP 2 Lead Crystal
SXTUM2 SUNTSU-SXTUM2 Datasheet
165Kb / 2P
   Metal Can DIP 2 Lead Crystal
SXTHU2 SUNTSU-SXTHU2 Datasheet
185Kb / 2P
   Metal Can DIP 2 Lead Crystal
logo
National Semiconductor ...
H03H NSC-H03H Datasheet
59Kb / 1P
   3 Lead (0.100횞 Diameter P.C.) TO-46 Metal Can Package
H10G NSC-H10G Datasheet
58Kb / 1P
   10 Lead (0.230 Diameter P.C.) TO-5 Metal Can Package
logo
Suntsu Electronics, Inc...
SXTHM2 SUNTSU-SXTHM2 Datasheet
460Kb / 2P
   Metal Can SMT 2 Pad Crystal
logo
ILSI America LLC
IXF ILSI-IXF Datasheet
43Kb / 1P
   Crystal Filter 3 Lead Metal Package
39-BB0F18-20.000 ILSI-39-BB0F18-20.000 Datasheet
49Kb / 2P
   2 Lead Metal Package Quartz Crystal, 3 mm x 10 mm
logo
National Semiconductor ...
MKT-H04D NSC-MKT-H04D Datasheet
31Kb / 1P
   4 LEAD.100 DIA P.C.SHIELDED METAL CAN PACKAGE (H)
logo
Continental Device Indi...
TO-39 CDIL-TO-39 Datasheet
213Kb / 3P
   Hermetically Sealed Metal Can Package TO-39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com