Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123A10BPC103JZJ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # M123A10BPC103JZJ
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A10BPC103JZJ Datasheet(HTML) 3 Page - Vishay Siliconix

  M123A10BPC103JZJ Datasheet HTML 1Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 2Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 3Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 4Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 5Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 6Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 7Page - Vishay Siliconix M123A10BPC103JZJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
3
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
BP
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BCB
C
BCB
C
BC
BC
B
CAP. CODE
CAP.
1R0
1.0 pF
1R1
1.1 pF
1R2
1.2 pF
1R3
1.3 pF
1R5
1.5 pF
1R6
1.6 pF
1R8
1.8 pF
2R0
2.0 pF
2R2
2.2 pF
2R4
2.4 pF
2R7
2.7 pF
3R0
3.0 pF
3R3
3.3 pF
3R6
3.6 pF
3R9
3.9 pF
4R3
4.3 pF
4R7
4.7 pF
5R1
5.1 pF
5R6
5.6 pF
6R2
6.2 pF
6R8
6.8 pF
7R5
7.5 pF
8R2
8.2 pF
9R1
9.1 pF
100
10 pF
110
11 pF
120
12 pF
130
13 pF
150
15 pF
160
16 pF
180
18 pF
200
20 pF
220
22 pF
240
24 pF
270
27 pF
300
30 pF
330
33 pF
360
36 pF
390
39 pF
430
43 pF
470
47 pF
510
51 pF
560
56 pF
620
62 pF
680
68 pF
750
75 pF
820
82 pF
910
91 pF
101
100 pF
111
110 pF
121
120 pF
131
130 pF
151
150 pF


Similar Part No. - M123A10BPC103JZJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A10BPC103JZ AVX-M123A10BPC103JZ Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
More results

Similar Description - M123A10BPC103JZJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com