Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQ1AP-6V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # JQ1AP-6V
Description  HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JQ1AP-6V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  JQ1AP-6V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JQ1AP-6V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JQ1AP-6V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JQ1AP-6V Datasheet HTML 4Page - Nais(Matsushita Electric Works) JQ1AP-6V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JQ
72
TYPES AND COIL DATA at 20
°C 68°F
Part No.
Nominal
voltage, V DC
Pick-up
voltage, V DC
(min.)
Drop-out
voltage, V DC
(min.)
Nominal
operating
current, mA
Nominal
operating
power, mW
Coil resistance,
Ω (±10%)
Max. allowable
voltage, V DC
JQ1a-5V
5
3.75
0.25
40
200
125
180% of
nominal voltage
(at 20
°C 68°F)
JQ1a-6V
6
4.5
0.3
33.3
180
JQ1a-9V
9
6.75
0.45
22.2
405
JQ1a-12V
12
9
0.6
16.7
720
JQ1a-18V
18
13.5
0.9
11.1
1,620
JQ1a-24V
24
18
1.2
8.3
2,880
JQ1aP-5V
5
4
0.25
40
200
125
130% of
nominal voltage
(at 85
°C 185°F)
JQ1aP-6V
6
4.8
0.3
33.3
180
JQ1aP-9V
9
7.2
0.45
22.2
405
JQ1aP-12V
12
9.6
0.6
16.7
720
JQ1aP-18V
18
14.4
0.9
11.1
1,620
JQ1aP-24V
24
19.2
1.2
8.3
2,880
JQ1-5V
5
3.75
0.25
80
400
62.5
150% of
nominal voltage
(at 20
°C 68°F)
JQ1-6V
6
4.5
0.3
66.7
90
JQ1-9V
9
6.75
0.45
44.4
202.5
JQ1-12V
12
9
0.6
33.3
360
JQ1-18V
18
13.5
0.9
22.2
810
JQ1-24V
24
18
1.2
16.7
1,440
JQ1-48V
48
36
2.4
8.3
5,760
JQ1P-5V
5
4
0.25
80
400
62.5
110% of
nominal voltage
(at 85
°C 185°F)
JQ1P-6V
6
4.8
0.3
66.7
90
JQ1P-9V
9
7.2
0.45
44.4
202.5
JQ1P-12V
12
9.6
0.6
33.3
360
JQ1P-18V
18
14.4
0.9
22.2
810
JQ1P-24V
24
19.2
1.2
16.7
1,440
JQ1P-48V
48
38.4
2.4
8.3
5,760
TYPICAL APPLICATIONS
• Air conditioners
• Refrigerators
• Microwave ovens
• Heaters
ORDERING INFORMATION
Contact
arrangement
1a: 1 Form A
1: 1 Form C
Nil: Standard
P: High capacity
5, 6, 9, 12, 18, 24, 48* V
Contact capacity
Nil: Class E coil insulation
B: Class B coil insulation
Coil insulation class
Coil voltage (DC)
UL/CSA, VDE, SEMKO approved type is standard.
* Available only for 1 Form C type
1a
P
B
Ex.
JQ
12
V


Similar Part No. - JQ1AP-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-6V-F PANASONIC-JQ1AP-6V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
JQ1aP-6V-F PANASONIC-JQ1aP-6V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
More results

Similar Description - JQ1AP-6V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
logo
Unisonic Technologies
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
   Triacs high noise immunity
October 1997 Rev 1.100
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
   Triacs high noise immunity
March 1997 Rev 1.000
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com