Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRP420F Datasheet(PDF) 1 Page - Littelfuse

Part # SRP420F
Description  PolySwitch PTC Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SRP420F Datasheet(HTML) 1 Page - Littelfuse

  SRP420F Datasheet HTML 1Page - Littelfuse SRP420F Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: SRP420F
DOCUMENT: SCD25985
REV LETTER: E
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
littelfuse.com
Revised July 26, 2016
Specification Status: Released
Electrical Rating
Voltage: 30V MAX
Current: 100A MAX
Chip Size: 13.1x15.9mm
Leads: Nickel 1/4H
0.125mm nominal thickness
Tape:
Polyester(White)
19.5mm Width
Solder: Lead-free
Lot Marking Ink Color (Green)
Marking:
Manufacturer's Mark
420
Lot Identification
Part Identification
ORIENTATION MARK (Blue)
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm: 30.6
32.4
12.9
13.6
0.5
1.1
5.0
7.5
5.0
7.5
6.0
6.7
in*:
(1.20)
(1.28)
(0.51)
(0.54)
(0.02)
(0.04)
(0.20)
(0.30)
(0.20)
(0.30)
(0.24)
(0.26)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS: As measured in Muller Kelvin Clips Model BU-75K.
I HOLD
CURRENT TRIP LIMITS
TIME TO
TRIP
REFERENCE
RESISTANCE
ONE-HOUR
POST-TRIP
RESISTANCE
TRIPPED-
STATE
POWER
DISSIPATION
AMPS
20°C
AMPS
AT 0°C
AMPS
AT 20°C
AMPS
AT 60°C
SECONDS AT
20°C,20.0A
OHMS
AT 20°C
OHMS
AT 20°C
WATTS AT
20°C, 30V
HOLD HOLD
TRIP
HOLD TRIP HOLD
TRIP
TYP
MAX
MIN
MAX
MIN
TYP
TYP
MAX
4.2
5.1
9.5
4.2
7.6
3.0
5.5
--
6
0.012 0.024
0.012
0.040
--
2.9
Agency Recognition:
UL, TUV, CSA
Reference Document:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free


Similar Part No. - SRP420F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SRP420F MACOM-SRP420F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
SRP420F MACOM-SRP420F Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
SRP420F MACOM-SRP420F Datasheet
85Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
logo
Littelfuse
SRP420F LITTELFUSE-SRP420F Datasheet
619Kb / 14P
   POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
More results

Similar Description - SRP420F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com