Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJL6JA Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # KBJL6JA
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

KBJL6JA Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  KBJL6JA Datasheet HTML 1Page - GOOD-ARK Electronics KBJL6JA Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBJL6JA THRU KBJL6MA
Glass Passivated Single-Phase Bridge Rectifier
Reverse Voltage - 600V to 1000V
Forward Current - 6.0 Amperes
RATINGS AND CHARACTERISTICS CURVES
(TA=25℃ unless otherwise noted)
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current per Diode
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Junction Capacitance Per Diode
Figure 5. Typical Reverse Characteristics Per Diode
90
60
30
0
Number of Cycles at 60Hz
Heatsink Mounting,TC
P.C.B Mounting,TA
2
0
4
Temperature (
℃)
0.5
0.6
0.7
0.8
0.9
1.0
1.2
Instantaneous Forward Voltage (V)
100
1
0.1
0.01
10
1000
100
10
1
Reverse Voltage (V)
1000
1
0.1
0.01
10
Percent of Rated Peak Reverse Voltage (%)
100
TJ=25℃
TJ=150℃
TJ=25℃
TJ=125℃
1
10
100
1
10
100
0.1
50
100
150
0
20
40
60
80
100
1.1
6
7
1
5
3
TJ=TJ Max.
Single Sine-Wave
1.0 Cycle


Similar Part No. - KBJL6JA

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
KBJL6J GOOD-ARK-KBJL6J Datasheet
227Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
KBJL6JU GOOD-ARK-KBJL6JU Datasheet
230Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - KBJL6JA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com