Electronic Components Datasheet Search |
|
KBJL6MU Datasheet(PDF) 1 Page - GOOD-ARK Electronics |
|
KBJL6MU Datasheet(HTML) 1 Page - GOOD-ARK Electronics |
1 / 2 page KBJL6JU THRU KBJL6MU Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 6.0 Amperes Features ◆ Thin Single In-Line package; ◆ Ideal for printed circuit boards; ◆ Glass Passivated chip junction; ◆ Low profile package; ◆ High Surge current capability; ◆ High case dielectric strength of 2000 V RMS; ◆ Plastic package has Underwrites Laboratory Flammability Classification 94V-0; ◆ Same footprint V.S KBJ (3S) package; Mechanical Data ◆ Case: KBJL; Epoxy meets UL-94V-0 Flammability rating; ◆ Terminals:Matte tin plated leads, solderable per J-STD-002 and JESD22-B102; E3 suffix for customer grade, meet JESD 201 class 1A whisker test; ◆ High temperature soldering guaranteed: Solder Dip 275℃,40seconds; ◆ Polarity: As marked on body; ◆ Mounting Torgue: 5.7cm-kg (5.0 inches-lbs) max; ◆ Recommend Torgue:Mounting Torgue: 5.7cm-kg (5inches-lbs); Typical Applications General purpose use in AC-to-DC bridge full wave rectification for Package Dimensions in mm Switching Power Supply, Home Appliances, Office Equipment, Industrial Automation applications. Maximum Ratings and Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified. Parameter Symbol VRRM VRMS VDC TA=25℃ IFSM I 2t VF RӨJA RӨJC TJ,TSTG Notes: 1). Unit case mounted on Al plate heatsink; 2). Units mounted on PCB without heatsink; 3). Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw. Amps A 2sec 26 (2) ℃ ℃ /W Amps Volt μA -55 to +150 1.8 (1) Unit V V V 560 700 800 1000 KBJL6KU KBJL6MU 800 1000 KBJL6JU 600 420 600 Operating junction and Storage Temperature Range TA=25℃ TA=125℃ Maximum DC Reverse Current at Rated DC Blocking Voltage per leg Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Typical thermal resistance per leg Maximum Instantaneous forward voltage drop per leg at 3.0A Peak forward surge current 8.3 ms single sine-wave superimposed on rated load (JEDEC Method) Maximum average forward rectified output current at TC=125℃ Rating for fusing (t<8.3ms) IR 5 150 IF(AV) 6.0 (1) 150 0.96 3.0 (2) 93 + ~ ~ - |
Similar Part No. - KBJL6MU |
|
Similar Description - KBJL6MU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |