Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR610 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BR610
Description  Glass Passivated Single-Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BR610 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BR610 Datasheet HTML 1Page - GOOD-ARK Electronics BR610 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
642
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Surge overload rating - 125 Amperes peak
Low forward voltage drop
Small size, simple installation
Sliver plasted copper leads
Mounting Position: Any
s
e
i
r
e
S
6
R
B
/
6
C
P
B
K
s
r
e
i
f
i
t
c
e
R
e
g
d
i
r
B
e
s
a
h
P
-
e
l
g
n
i
S
d
e
t
a
v
i
s
s
a
P
s
s
a
l
G
s
e
r
e
p
m
A
0
.
6
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
0
0
1
o
t
0
5
e
g
n
a
R
e
g
a
t
l
o
V
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S
5
0
6
R
B1
6
R
B2
6
R
B4
6
R
B6
6
R
B8
6
R
B0
1
6
R
B
s
t
i
n
U
5
0
0
6
C
P
B
K1
0
6
C
P
B
K2
0
6
C
P
B
K4
0
6
C
P
B
K6
0
6
C
P
B
K8
0
6
C
P
B
K0
1
6
C
P
B
K
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
t
n
e
r
r
u
c
e
r
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
T
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
C
0
0
1
=
o
)
1
e
t
o
N
(
C
T
t
a
t
n
e
r
r
u
c
t
u
p
t
u
o
d
e
i
f
i
t
c
e
r
A
0
5
=
o
)
2
e
t
o
N
(
C
I
)
V
A
(
F
0
.
6
0
.
3
s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s)
I
M
S
F
0
.
5
2
1s
p
m
A
A
5
.
1
t
a
t
n
e
m
e
l
e
r
e
p
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
.
x
a
MV
F
0
.
1t
l
o
V
T
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
t
n
e
m
e
l
e
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
A
0
0
1
=
oC
I
R
0
.
0
1
0
.
1
uA
mA
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Unit mounted on metal chassis
2. Unit mounted on P.C. board


Similar Part No. - BR610

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR610 RECTRON-BR610 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR610 GOOD-ARK-BR610 Datasheet
96Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
BR610 DGNJDZ-BR610 Datasheet
190Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytes
BR610 BYTES-BR610 Datasheet
145Kb / 2P
   SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
RFE international
BR610 RFE-BR610 Datasheet
341Kb / 2P
   BRIDGE RECTIFIERS 3.0 to 6.0 Amps
More results

Similar Description - BR610

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com