Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV00495-U69G-TC Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV00495-U69G-TC
Description  local and global tone mapping support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV00495-U69G-TC Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV00495-U69G-TC Datasheet HTML 1Page - OmniVision Technologies, Inc. OV00495-U69G-TC Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Rear View Camera
Surround View System
¬
¬
e-Mirror
Camera Monitoring System (CMS)
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
advanced 150Mp/s throughput ISP
for high quality image capturing and
video streaming
local and global tone mapping support
up to 3-capture HDR combination
supports distortion correction (DC) /
perspective correction (PC)
up to 190 degrees
supports four independent layers,
line and global
transparency control for each layer,
32 color/palette per image and
sizes up to 1080p overlay
on-chip DDR
embedded information including
frame counter, temperature, and
register data for each image to enable
critical automotive safety applications
auto white balance (AWB)
automatic exposure control (AEC) /
automatic gain control (AGC)
supports statistics data of up to four
user programmable ROIs
SCCB master/slave interface for
sensor and ASIC configuration
supports four-wire or two-wire serial
interface to retrieve stored firmware
from external memory devices,
such as EEPROM
on-chip PLL to generate internal clocks
on-chip voltage regulator 1.8V to 1.1V
brown-out detection circuit and
output flag
supports 2x2 lane MIPI RX/TX and
1x4 lane MIPI RX/TX
supports 12-bit DVP input, shared
with MIPI RX
supports 12-bit DVP output, shared
with MIPI TX
supports 24-bit DVP output, shared
with BT1120 output
embedded 32-bit RISC processor
for high performance and flexibility
supports 1K bits of one-time
programmable memory (OTP)
JTAG boundary scan
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV00495-U69G-2C
(lead-free, 169-pin BGA,
packed in tray)
¬
OV00495-U69G-TC
(lead-free, 169-pin BGA,
packed in tape and reel)
Ordering Information
¬
¬
power supply:
- core: 1.1V ±5%
- I/O: 1.8V ±5% or 3.3V ±5%
power requirements: 595 mW,
measured at 1920x1080 @ 30 fps,
DCG12+VS12 input from OV2775
via MIPI interface and 1920x1080
YUV 422 output via MIPI interface
with DCPC and OSD
¬
¬
temperature range:
- operating: -40°C to +105°C ambient
temperature and -40°C to +125°C
junction temperature
package dimensions: 7 mm x 7 mm
Product Specifications
OV495
Version 1.5, August, 2017
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision Technologies,
Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
Functional Block Diagram
DVP IN
MIPI RX
DVP OUT
BT1120
MIPI TX
embedded
line
brown out
OSD
SCCBM0
DDR2
AWB
32-bit RISC CPU
firmware
AEC
tone
mapping
PRAM
boot
ROM
DC/PC
JTAG
temperature sensor
regulator
SPI I/F
UART I/F
SCCBM1
FSIN0
FSIN1
sensor
sensor
IDC
HDR
ISP
sensor
sensor
load
sensor
NTSC
video
SCCBS
SDA/SCL
PLL
XCLK
6 ~ 36 MHz
SPI
flash
OV495


Similar Part No. - OV00495-U69G-TC

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV00490-B00G-1B OMNIVISION-OV00490-B00G-1B Datasheet
429Kb / 2P
   on chip PLL to generate stable internal
OV00490-B00G-TB OMNIVISION-OV00490-B00G-TB Datasheet
429Kb / 2P
   on chip PLL to generate stable internal
OV00491-B69G-1C OMNIVISION-OV00491-B69G-1C Datasheet
447Kb / 2P
   Rear View Camera
OV00491-B69G-TC OMNIVISION-OV00491-B69G-TC Datasheet
447Kb / 2P
   Rear View Camera
OV00493-B69G-1A OMNIVISION-OV00493-B69G-1A Datasheet
449Kb / 2P
   Surround view system
More results

Similar Description - OV00495-U69G-TC

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS5SP256K36 MICROSS-AS5SP256K36 Datasheet
794Kb / 14P
   Global Write support
logo
List of Unclassifed Man...
RELIACELL10-20 ETC2-RELIACELL10-20 Datasheet
765Kb / 2P
   Global Cellular Support for: Ready to Deploy ??certified and carrier approved
logo
STMicroelectronics
AN1777 STMICROELECTRONICS-AN1777 Datasheet
83Kb / 7P
   STR71x MEMORY MAPPING AND DEVELOPMENT TOOLSET
logo
Maxim Integrated Produc...
MAX14900E MAXIM-MAX14900E Datasheet
1Mb / 31P
   Global and Per-Channel Diagnostics
Rev 4; 4/15
logo
Laird Tech Smart Techno...
TRA6927M3 LSTD-TRA6927M3 Datasheet
1Mb / 2P
   Domestic Cellular and Global GSM
logo
Rockchip Electronics Co...
RK3399 ROCKCHIP-RK3399 Datasheet
6Mb / 824P
   Address Mapping
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Panasonic Semiconductor
M-DW1 PANASONIC-M-DW1 Datasheet
351Kb / 6P
   Wafer Mapping Sensor
logo
Texas Instruments
TMS99531 TI-TMS99531 Datasheet
94Kb / 2P
[Old version datasheet]   PULSE AND TONE TELEPHONE DIALER
logo
Fluke Corporation
PRO3000F60-KIT FLUKE-PRO3000F60-KIT Datasheet
188Kb / 6P
   Pro3000??Tone and Probe Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com