Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQ1-24V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JQ1-24V
Description  HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JQ1-24V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JQ1-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JQ1-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JQ1-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JQ1-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works) JQ1-24V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
71
JQ RELAYS
VDE
HIGH ELECTRICAL &
MECHANICAL NOISE
IMMUNITY RELAY
mm inch
20
.787
10
.394
15.6
.614
FEATURES
• High electrical noise immunity
• High switching capacity in a compact package
• High sensitivity: 200 mW (1a), 400 mW (1c)
• High surge voltage: 8,000 V between contacts and coil
• UL, CSA, VDE, TÜV, SEMKO approved
• Class B coil insulation type available
SPECIFICATIONS
Contact
Expected electrical life (min. operations)
Coil (at 20
°C 68°F)
Characteristics
Remarks
*
Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10 mA
*3 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*4 Excluding contact bounce time
*5 Measured conditions
*6 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*7 Half-wave pulse of sine wave: 6ms
*8 Detection time: 10
µs
*9 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
*10 When using relays in a high ambient temperature, consider the pick-up voltage
rise due to the high temperature (a rise of approx. 0.4% V for each 1°C 33.8°F
with 20°C 68°F as a reference) and use a coil impressed voltage that is within
the maximum allowable voltage range.
Standard type
High capacity type
Arrangement
1 Form A, 1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive)
Nominal
switching
capacity
1a
5 A 125 V AC
2 A 250 V AC
5 A 30 V DC
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
1c
N.O.
5 A 125 V AC
2 A 250 V AC
3 A 30 V AC
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
N.C.
2 A 125 V AC
1 A 250 V AC
1 A 30 V DC
3 A 125 V AC
2 A 250 V AC
1 A 30 V DC
Max.
switching
power
1a
625 VA, 150 W
1,250 VA, 150 W
1c
N.O.
625 VA, 90 W
1,250 V AC, 150 W
N.C.
250 VA, 30 W
500 V AC, 30 W
Max. switching voltage
250 V AC, 110 V DC (0.3A)
Max. switching current
N.O.: 5 A N.C.: 2 A
N.O.: 10 A N.C.: 3 A
Expected mechanical life
(at 180 cpm)(min. operations)
107
Type
Switching capacity
No. of operations
Standard type
1a
5 A 125 V AC
3 A 125 V AC
2 A 250 V AC
5 A 30 V DC
5
×104
2
×105
2
×105
105
1c
N.O.
5 A 125 V AC
2 A 250 V AC
3 A 30 V DC
5
×104
2
×105
105
N.C.
2 A 125 V AC
1 A 250 V AC
1 A 30 V DC
2
×105
2
×105
105
High capacity
type
1a
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
1c
N.O.
10 A 125 V AC
5 A 250 V AC
5 A 30 V DC
5
×104
5
×104
105
N.C.
3 A 125 V AC
2 A 250 V AC
1 A 30 V DC
2
×105
2
×105
105
Nominal operating power
1a: 200 mW
1c: 400 mW
Max. operating speed
20 cpm
Initial insulation resistance*1
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*2
Between open contacts
1a: 1,000 Vrms for 1 min.
1c: 750 Vrms for 1 min.
Between contacts and coil
4,000 Vrms for 1 min.
Surge voltage between
contact and coil*3
8,000 V
Operate time*4 (at nominal voltage)
Approx. 5 ms
Release time*4
(at nominal voltage)(without diode)
Approx. 2 ms
Temperature rise*5
Max. 45
°C
Shock
resistance
Functional*6
Min. 294 m/s2 {30 G}
Destructive*7
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*8
98 m/s2 {10 G}, 10 to 55 Hz
at double amplitude of 1.6 mm
Destructive
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2.0 mm
Conditions for operation,
transport and storage*9
(Not freezing and condens-
ing at low temperature)
Ambient
temp.*10
–40
°C to +85°C
–40
°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 7 g .25 oz
Standard type
Resistive, nominal voltage applied to the coil.
Contact carrying current: 5 A, at 70
°C 158°F
High capacity type
Resistive, nominal voltage applied to the coil.
Contact carrying current: 10 A, at 70
°C 158°F


Similar Part No. - JQ1-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1-24V-F PANASONIC-JQ1-24V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays Class B coil insulation type also available.
JQ1-24V-F PANASONIC-JQ1-24V-F Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JQ1-24V-F PANASONIC-JQ1-24V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results

Similar Description - JQ1-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
logo
Unisonic Technologies
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
   Triacs high noise immunity
October 1997 Rev 1.100
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
   Triacs high noise immunity
March 1997 Rev 1.000
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com