Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL24-2V530 Datasheet(PDF) 7 Page - SICK AG

Part # WL24-2V530
Description  PHOTOELECTRIC SENSORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WL24-2V530 Datasheet(HTML) 7 Page - SICK AG

  WL24-2V530 Datasheet HTML 1Page - SICK AG WL24-2V530 Datasheet HTML 2Page - SICK AG WL24-2V530 Datasheet HTML 3Page - SICK AG WL24-2V530 Datasheet HTML 4Page - SICK AG WL24-2V530 Datasheet HTML 5Page - SICK AG WL24-2V530 Datasheet HTML 6Page - SICK AG WL24-2V530 Datasheet HTML 7Page - SICK AG WL24-2V530 Datasheet HTML 8Page - SICK AG WL24-2V530 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WL24-2V530 | W24-2
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Dust protection tube, air-purged, Aluminum (anodised), mounting hardware included
OBS-W24
2015069
Weather hood for universal clamp bracket, steel, zinc coated, mounting hardware in-
cluded
OBW-KHS-M01
2023240
OBW-W24
2015070
Weather hood, Aluminum (anodised), mounting hardware included
WSG1-01
1018470
Mounting brackets and plates
Mounting bracket, small, Stainless steel, without mounting hardware
BEF-WK-W24
4027532
Mounting bracket, Stainless steel (1.4301), mounting hardware included
BEF-WN-W24
2015248
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: Power, I/O, drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-G02MC
6025906
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-G05MC
6025907
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: Power, I/O, drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-W02MC
6025909
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-W05M
6009869
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-W05MC
6025910
1) Customizable
length by sheet.
Width max.
74.9 cm, length
max. 91.4 cm.
2017-11-09 11:23:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7


Similar Part No. - WL24-2V530

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL24-2V530S04 SICK-WL24-2V530S04 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
WL24-2V530S06 SICK-WL24-2V530S06 Datasheet
4Mb / 9P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WL24-2V530

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com