Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123A13BPC103BZA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # M123A13BPC103BZA
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A13BPC103BZA Datasheet(HTML) 5 Page - Vishay Siliconix

  M123A13BPC103BZA Datasheet HTML 1Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 2Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 3Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 4Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 5Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 6Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 7Page - Vishay Siliconix M123A13BPC103BZA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
5
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART
DIELECTRIC
BX
STYLE
CKS51
CKS55
CKS52
CKS53
CKS56
CKS57
CKS54
SLASH SHEET
/10
/21
/11
/12
/22
/23
/13
CASE CODE
0805
1206
1210
1808
1812
1825
2225
VOLTAGE (VDC)
50 V
100 V
50 V
100 V
50 V
100 V
50 V
100 V
100 V
50 V
100 V
50 V
VOLTAGE CODE
BC
BC
BC
BC
CB
CB
CAP. CODE
CAP.
331
330 pF
391
390 pF
471
470 pF
561
560 pF
681
680 pF
821
820 pF
102
1.0 nF
122
1.2 nF
152
1.5 nF
182
1.8 nF
222
2.2 nF
272
2.7 nF
332
3.3 nF
392
3.9 nF
472
4.7 nF
562
5.6 nF
•••••
682
6.8 nF
•••••
822
8.2 nF
•••••
103
10 nF
•••••
123
12 nF
•••••
153
15 nF
•••••
183
18 nF
••••
223
22 nF
••••
273
27 nF
•••••
333
33 nF
393
39 nF
••••
473
47 nF
563
56 nF
••••
683
68 nF
823
82 nF
104
100 nF
124
120 nF
••
154
150 nF
••
184
180 nF
••
224
220 nF
••
274
270 nF
••
334
330 nF
••
394
390 nF
••
474
470 nF
••


Similar Part No. - M123A13BPC103BZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M123A13BXB105KS VISHAY-M123A13BXB105KS Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
More results

Similar Description - M123A13BPC103BZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com