Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123A12BPB103DZA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # M123A12BPB103DZA
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M123A12BPB103DZA Datasheet(HTML) 6 Page - Vishay Siliconix

  M123A12BPB103DZA Datasheet HTML 1Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 2Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 3Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 4Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 5Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 6Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 7Page - Vishay Siliconix M123A12BPB103DZA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MIL-PRF-123
www.vishay.com
Vishay Vitramon
Revision: 15-May-17
6
Document Number: 45229
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Vishay Vitramon uses embossed plastic carrier tape
(2) Reference: EIA standard RS 481 - “Taping of Surface Mount Components for Automatic Placement”
(3) The quantities in the table are the maximum number of pieces per waffle package. Order quantity can be any amount
(4) Order quantity for “A” package code can be any amount greater than or equal to 100 pieces. The maximum quantity on a reel is the same
as the quantity specified for the “J” package code
(5) Orders for “J” package code product must be in increments of the quantity listed in the table
PACKAGE QUANTITIES (1)(2)
STYLE
BODY SIZE
WAFFLE PACK
“W” (3)
TAPE AND REEL
TAPE SIZE
“A” (4)
“J” (5)
CKS51
0805
666
2
1000
8 mm
CKS55
1206
511
≥ 100
1000
8 mm
CKS52
1210
475
≥ 100
1000
8 mm
CKS53
1808
430
≥ 100
500
12 mm
CKS56
1812
350
≥ 100
500
12 mm
CKS57
1825
244
≥ 100
500
12 mm
CKS54
2225
216
≥ 100
500
12 mm
PART MARKING EXPLANATION
FIRST DIGIT
SECOND DIGIT
THIRD DIGIT
EXAMPLES
ALPHABETIC
CHARACTER
SIGNIFICANT
FIGURES
NUMERICAL
CHARACTER
DECIMAL
MULTIPLIER
V = Vishay
A
1.0
0
100
B1.1
1
101
C1.2
2
102
D1.3
3103
E1.5
4
104
F1.6
5
105
G1.8
6
106
H2.0
7
107
J2.2
8
108
K2.4
9
109
L2.7
M3.0
N3.3
P3.6
Q3.9
R4.3
S4.7
VL0 = 2.7 pF
T5.1
U5.6
VA2 = 100 pF
V6.2
W6.8
VR1 = 43 pF
X7.5
Y8.2
Vd3 = 4000 pF
Z9.1
a2.5
b3.5
d4.0
e4.5
f5.0
m6.0
n7.0
t8.0
y9.0
VA1
Multiplier
Capacitance code
Vishay


Similar Part No. - M123A12BPB103DZA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A10BPB103CG AVX-M123A10BPB103CG Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CM AVX-M123A10BPB103CM Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CS AVX-M123A10BPB103CS Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103CZ AVX-M123A10BPB103CZ Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
M123A10BPB103DG AVX-M123A10BPB103DG Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
More results

Similar Description - M123A12BPB103DZA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
01-Jan-2023
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
   Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Revision: 20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com