Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0015446812 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0015446812
Description  2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0015446812 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0015446812_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0015446812_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/17/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0015446812
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-
Temperature, 12 Circuits
Documents:
3D Model
Product Specification TS-70541-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70181-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71850
Application
Board-to-Board, Signal
Overview
C-Grid® Products
Product Name
C-Grid
UPC
800754226592
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.05mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.57mm
Packaging Type
Tray
Pitch - Mating Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to PCB
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V
Solder Process Data
Lead-freeProcess Capability
SMC&WAVE
Process Temperature max. C
260
Material Info
Engineering Number
71850-0069
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
71850 Series
Mates With
8624 , 70203 , 70246 Straight Header,
70247 Right Angle Header, 70287 , 70289
, 70227 , 70567 , 70280 , 70524 , 70260 ,
8723 , 70568 , 8724 , 71764 , 70229 , 70
216, 71308


Similar Part No. - 0015446812_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015446812 MOLEX1-0015446812 Datasheet
383Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Through Hole, Dual Row, High Profile, Vertical, High-Temperature, 12 Circuits
More results

Similar Description - 0015446812_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015445814 MOLEX1-0015445814_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445856 MOLEX1-0015445856_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445864 MOLEX1-0015445864_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445120 MOLEX1-0015445120_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445830 MOLEX1-0015445830_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445138 MOLEX1-0015445138_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445146 MOLEX1-0015445146_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445174 MOLEX1-0015445174_17 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical,
0015445176 MOLEX1-0015445176_17 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445852 MOLEX1-0015445852_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
0015445854 MOLEX1-0015445854_17 Datasheet
34Kb / 2P
   2.54mm Pitch C-Grid Receptacle, Through Hole, Dual Row, High Profile, Vertical
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com