Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHD710P-5TU31-CBK Datasheet(PDF) 1 Page - A-Data Technology

Part # AHD710P-5TU31-CBK
Description  Military-grade plus for drops from 1.5m
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AHD710P-5TU31-CBK Datasheet(HTML) 1 Page - A-Data Technology

  AHD710P-5TU31-CBK Datasheet HTML 1Page - A-Data Technology AHD710P-5TU31-CBK Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HD710 Pro External Hard Drive
The HD710 Pro takes external hard drive durability further. We test it to beyond IP68 dust and waterproof
standards, plus make sure it passes military-grade shock proofing with triple-layered protective construction. With
up to 5TB capacity, this master of storage survival is your ally in keeping content safe whether your flavor is diving,
hiking, biking, or simply taking a quick stroll.
Beyond IP68 to withstand the unexpected
The HD710 Pro is a drive with total dust-tight protection
and tested for 60 minutes in 2 meters of water - that's
more than IEC IPX8 requirements! Prepare to dive?
Takes shocks like a true warrior with
military-grade
We test it to US Army MIL-STD-810G 516.6, meaning it
can easily take falls from 1.5 meters. Your data is safe,
so feel free to go out there and take on more
challenges.
Durable External Hard Drive
Full-angle
protection


Similar Part No. - AHD710P-5TU31-CBK

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
AHD710A-1TU3-CWH A-DATA-AHD710A-1TU3-CWH Datasheet
425Kb / 2P
   Designed for Mac-supports Time Machine
AHD710A-2TU3-CWH A-DATA-AHD710A-2TU3-CWH Datasheet
425Kb / 2P
   Designed for Mac-supports Time Machine
AHD710M-1TU3-CCF A-DATA-AHD710M-1TU3-CCF Datasheet
765Kb / 2P
   Waterproof
AHD710M-2TU3-CCF A-DATA-AHD710M-2TU3-CCF Datasheet
765Kb / 2P
   Waterproof
More results

Similar Description - AHD710P-5TU31-CBK

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
0.3PSI-G-4V-MIL-ND ASC-0.3PSI-G-4V-MIL-ND Datasheet
47Kb / 4P
   Military Temperature Grade
logo
List of Unclassifed Man...
RTH06BS103F ETC2-RTH06BS103F Datasheet
79Kb / 1P
   NTC Military Grade Thermistors
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
   Military Grade, Axial Leaded, Aluminum
logo
STATEK CORPORATION
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
   Leaded Military Grade/High Shock
logo
Bi technologies
165 BITECH-165 Datasheet
46Kb / 3P
   Custom Hybrid Military Grade Microcircuit
logo
Aeroflex Circuit Techno...
10B-2001 AEROFLEX-10B-2001 Datasheet
85Kb / 2P
   Military-Grade 10BASE-T interface module
logo
Taoglas antenna solutio...
WDMP.2458.A TAOGLAS-WDMP.2458.A Datasheet
1Mb / 19P
   Military grade dielectrics & low loss substrates
logo
Pulse A Technitrol Comp...
10B-2001 PULSE-10B-2001 Datasheet
552Kb / 3P
   MILITARY GRADE 10BASE-T INTERFACE MODULE
logo
List of Unclassifed Man...
MCH ETC-MCH Datasheet
92Kb / 2P
   Military Grade High Voltage Chip Resistors
logo
Cornell Dubilier Electr...
CK13BX103K CDE-CK13BX103K Datasheet
609Kb / 6P
   CK and CKR Military Grade Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com