Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1VA12 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1VA12
Description  Absolute Maximum Ratings
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1VA12 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  K1VA12_17 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K1VA12_17 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd K1VA12_17 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd K1VA12_17 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.
0.
0.
1.
1.
1.
1.
0.
0.
0.
0.
1.
1.
1.
0.
0.
0.
1.
0.
0.
1.
0.
0.
0.
1.
0.
1.
40
60
80
100
140
120
1.5
−40
−20
40
20
120
80
100
60
25
10
20
10
20
50
100
1000
500
200
100
50
10
20
10
20
50
100
200
1.
0.
0.
0.
0.
20
40
60
80
100
120
140
Tl =125℃
(TYP)
Tl = 25℃
(TYP)
Pulse measurement
Non repetitive
Sine wave 50Hz
Conduction angle180°
Free in air
Tj=25℃
Tj=125℃
Sine wave
Conduction angle180°
Tj=125℃
Sine wave
Conduction angle180°
Soldering land3mmφ
l
=2∼15mm
f=1∼120Hz
f=1∼5kHz
20mm
l
Mounted on P.C.B.
f=1kHz
f=5kHz
diT/dt limit line
diT/dt limit line
f=1kHz
f=5kHz
f=1∼120Hz
f=1∼120Hz
θja
θjl
θja
θjl
500
10
100
0.
0.
03
0.5
15
1.
0.
0.
−40
−20
40
20
120
80
100
60
1.
05
0.
95
0.
85
0.
0.
0.
0.
0.
0.
0.
0.
20
40
60
140
80
100
120
Allowable Ambient Temperature Ta〔℃〕
Soldering land3mmφ
l
=2∼15mm
Mounted on P.C.B.
20mm
l
0.
0001 0.
001
0.
01
0.
10
100
1000
Instantaneous On-state Voltage VT〔V〕
On-state Current IT(r.m.s.)
〔A〕
Time t〔sec.〕
Allowable Lead Temperature Tl〔℃〕
Junction Temperature Tj〔℃〕
Number of Cycles
Allowable Ambient Temperature Ta〔℃〕
Junction Temperature Tj〔℃〕
Pulse Base Width to〔μs〕
TYP
Pulse measurement
Peak hold method
TYP
Pulse measurement
Current wave form
to
1/f
IP
Ta=25℃
Free in air
Sine wave
Current wave form
to
1/f
IP
Maximum Ambient Temperature
Free in air
Sine wave
せん頭パルス電流ディレーティング
最大リード温度
最大周囲温度
Power Dissipation
Transient Thermal Resistance
Max. Lead Temperature
Surge On-state Current
(ITSM
Breakover Voltage vs Junction Temperature
On-state Voltage vs On-state Current
オン電圧 -オン電流
電力損失曲線
過渡熱抵抗
VBO-Tj 特性
Holding Current vs Junction Temperature
I H-Tj 特性
せん頭パルス電流
サージオン電流
Pulse On-state Current Rating
(ITRM
Pulse On-state Current Derating
(ITRM


Similar Part No. - K1VA12_17

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1VA12 SHINDENGEN-K1VA12 Datasheet
415Kb / 10P
   Sidac
K1VA12 SHINDENGEN-K1VA12 Datasheet
309Kb / 2P
   SIDAC
More results

Similar Description - K1VA12_17

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
85Kb / 3P
   Absolute Maximum Ratings
1N5226B FAIRCHILD-1N5226B Datasheet
23Kb / 3P
   Absolute Maximum Ratings
logo
Shindengen Electric Mfg...
K1V36W SHINDENGEN-K1V36W_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
Xilinx, Inc
DS312 XILINX-DS312 Datasheet
5Mb / 233P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
BD1 NJSEMI-BD1 Datasheet
46Kb / 1P
   absolute maximum ratings
logo
Shindengen Electric Mfg...
K1V14 SHINDENGEN-K1V14_17 Datasheet
1Mb / 4P
   Absolute Maximum Ratings
logo
New Jersey Semi-Conduct...
2N3957 NJSEMI-2N3957 Datasheet
224Kb / 2P
   ABSOLUTE MAXIMUM RATINGS
logo
SHENZHEN YONGERJIA INDU...
MA153 WINNERJOIN-MA153 Datasheet
59Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
IRFF220 NJSEMI-IRFF220 Datasheet
80Kb / 2P
   Absolute Maximum Ratings
logo
Roithner LaserTechnik G...
RLT808_100MG ROITHNER-RLT808_100MG Datasheet
86Kb / 1P
   ABSOLUTE MAXIMUM RATINGS
logo
New Jersey Semi-Conduct...
2N1924 NJSEMI-2N1924 Datasheet
675Kb / 2P
   absolute maximum ratings
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com