Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1469A-1-LIM Datasheet(PDF) 1 Page - API Technologies Corp

Part # 1469A-1-LIM
Description  Rugged connector design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

1469A-1-LIM Datasheet(HTML) 1 Page - API Technologies Corp

  1469A-1-LIM Datasheet HTML 1Page - API Technologies Corp 1469A-1-LIM Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page #
Rev Date: 10/3/2017
1
Connectors - Type N, 3.5 mm
Model 1469A
High Power Termination– 100 Watts, DC – 18.0 GHz
Features
Designed to meet environmental requirements of
MIL-DTL-3933
Rugged connector design
Low intermodulation (LIM) option
1 Kilowatt peak power
Usable to 20 GHz
Mechanical Specifications
Technical Specifications
Nominal Impedance
50 Ω
Frequency Range
DC to 18.0 GHz
Maximum SWR
Frequency
SWR
DC – 12.4 GHz
1.15
12.4 – 18.0 GHz
1.20
Power Rating
- 100 W average
, at 25°C ambient.
- Derated to 10 Watts at 125°C
- 1 KW peak @ 5 µs pulse width & 1.25 % duty cycle.
Temperature Range
-55°C to 125°C
* Add –LIM to entire model number for Low Intermodulation option.
Model Number Description
1469A – X – LIM
Basic
Model #
Connector
Option
LIM option*
TEST DATA
Swept SWR plots from 50 MHz to 18 GHz are available upon
request.
Construction
Black finned, aluminum alloy body;
stainless steel connector; gold
plated beryllium copper contacts
Weight
420 grams (14.8 oz) maximum
Connectors
Options
Type
Description
1
3.5 mm Female
Mate nondestructively with SMA,
3.5 mm & SMK, connectors.
2
3.5 mm Male
© API Weinschel, Inc. Proprietary Information | www.apitech.com | weinschel.apitech.com | 301-846-9222, 800-638-2048 | weinschel-sales@apitech.com
Reflected Passive Intermodulation (PIM) Level
Maximum 3rd Order IM
Magnitude (IM3)
-100 dBc
IM3 Levels
IM3 levels tested with two input signals @ 869 & 891 MHz
with average carrier power levels of +43 dBm each.
3
N Female
Interface dimensions per
MIL-STD 348 & IEC 60169-16.
Mates non-destructively with
MIL-PRF-39012 connector.
4
N Male


Similar Part No. - 1469A-1-LIM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
1469 LINER-1469 Datasheet
238Kb / 20P
   Dual 90MHz, 22V/關s 16-Bit Accurate Operational Amplifi er
logo
Pomona Electronics
1469 POMONA-1469 Datasheet
34Kb / 1P
   Adapter - Binding Post To BNC Male, Four Terminal Isolation
logo
3M Electronics
1469 3M-1469 Datasheet
166Kb / 8P
   3M??Scotch-Weld??Epoxy Adhesive 1469
logo
List of Unclassifed Man...
1469-1 ETC2-1469-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
1469-2 ETC2-1469-2 Datasheet
493Kb / 1P
   Space saving design for high density packaging
More results

Similar Description - 1469A-1-LIM

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
REL-OR-24DC PHOENIX-REL-OR-24DC Datasheet
109Kb / 4P
   Extremely rugged design
logo
XP Power Limited
MCS XPPOWER-MCS Datasheet
394Kb / 2P
   Rugged Desktop Design
DNR XPPOWER-DNR Datasheet
182Kb / 4P
   Rugged Design for Industrial Applications
logo
List of Unclassifed Man...
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
   Rugged construction and modularized design
logo
Taoglas antenna solutio...
FW.24.SMA.M TAOGLAS-FW.24.SMA.M Datasheet
984Kb / 12P
   Rugged Design for Outdoor Use
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
Laird Tech Smart Techno...
TRA3513 LSTD-TRA3513 Datasheet
528Kb / 2P
   Rugged design is IP-67 rated
logo
List of Unclassifed Man...
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
   Rugged construction and slim modularized design
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
   Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
   Rugged construction and slim modularized design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com