Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9215 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9215
Description  3V A/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9215 Datasheet(HTML) 5 Page - Analog Devices

  AD9215 Datasheet HTML 1Page - Analog Devices AD9215 Datasheet HTML 2Page - Analog Devices AD9215 Datasheet HTML 3Page - Analog Devices AD9215 Datasheet HTML 4Page - Analog Devices AD9215 Datasheet HTML 5Page - Analog Devices AD9215 Datasheet HTML 6Page - Analog Devices AD9215 Datasheet HTML 7Page - Analog Devices AD9215 Datasheet HTML 8Page - Analog Devices AD9215 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9215
Data Sheet
Rev. B | Page 4 of 36
AVDD = 3 V, DRVDD = 2.5 V, specified maximum conversion rate, 2 V p-p differential input, 1.0 V internal reference,
AIN = −0.5 dBFS, MODE = AVDD/3 (duty cycle stabilizer [DCS] enabled), unless otherwise noted.
Table 2. AC Specifications
AD9215BRU-65/
AD9215BCP-65
AD9215BRU-80/
AD9215BCP-80
AD9215BRU-105/
AD9215BCP-105
Parameter
Temp
Test
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 2.4 MHz
Full
VI
56.0
58.5
56.0
58.5
57.5
dB
25°C
I
57.0
59.0
57.0
59.0
56.6
58.5
dB
fIN = Nyquist1
Full
VI
56.0
58.0
56.0
58.0
57.5
dB
25°C
I
56.5
58.5
56.5
58.5
56.4
58.0
dB
fIN = 70 MHz
25°C
V
58.0
57.8
dB
fIN = 100 MHz
25°C
V
57.5
57.7
dB
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
fIN = 2.4 MHz
Full
VI
55.8
58.5
55.7
58.5
57.6
dB
25°C
I
56.5
59.0
56.8
58.5
56.5
58.2
dB
fIN = Nyquist1
Full
VI
55.8
58.0
55.5
58.0
57.3
dB
25°C
I
56.3
58.5
56.3
58.5
56.1
57.8
dB
fIN = 70 MHz
25°C
V
56.0
57.7
dB
fIN = 100 MHz
25°C
V
55.5
57.4
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 2.4 MHz
Full
VI
9.1
9.5
9.0
9.5
9.3
Bits
25°C
I
9.2
9.6
9.3
9.5
9.2
9.5
Bits
fIN = Nyquist1
Full
VI
9.1
9.4
9.0
9.4
9.4
Bits
25°C
I
9.1
9.5
9.0
9.5
9.1
9.4
Bits
fIN = 70 MHz
25°C
V
9.1
9.4
Bits
fIN = 100 MHz
25°C
V
9.0
9.3
Bits
WORST HARMONIC (Second or Third)
fIN = 2.4 MHz
Full
VI
−78
−64
−78
−64
−78
dBc
25°C
I
−80
−65
−80
−65
−84
−70
dBc
fIN = Nyquist1
Full
VI
−77
−64
−76
−63
−74
dBc
25°C
I
−78
−65
−78
−65
−75
−61
dBc
fIN = 70 MHz
25°C
V
−70
−75
dBc
fIN = 100 MHz
25°C
V
−70
−74
dBc
WORST OTHER (Excluding Second or Third)
fIN = 2.4 MHz
Full
VI
−77
−67
−77
−66
−73
dBc
25°C
I
−78
−68
−77
−68
−75
−66
dBc
fIN = Nyquist1
Full
VI
−77
−67
−77
−66
−71
dBc
25°C
I
−78
−68
−77
−68
−75
−63
dBc
fIN = 70 MHz
25°C
V
−80
-75
dBc
fIN = 100 MHz
25°C
V
−80
−75
dBc
TWO-TONE SFDR (AIN = –7 dBFS)
fIN1 = 70.3 MHz, fIN2 = 71.3 MHz
25°C
V
75
75
dBc
fIN1 = 100.3 MHz, fIN2 = 101.3 MHz
25°C
V
74
74
dBc
ANALOG BANDWIDTH
25°C
V
300
300
300
MHz
1 Tested at fIN = 35 MHz for AD9215-65; fIN = 39 MHz for AD9215-80; and fIN = 50 MHz for AD9215-105.


Similar Part No. - AD9215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215BCP-105 AD-AD9215BCP-105 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215BCP-105EB AD-AD9215BCP-105EB Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9215BCP-105EB AD-AD9215BCP-105EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9215BCP-65 AD-AD9215BCP-65 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results

Similar Description - AD9215

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9235 AD-AD9235_17 Datasheet
833Kb / 41P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com