Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9235BRURL7-65 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9235BRURL7-65
Description  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BRURL7-65 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9235BRURL7-65 Datasheet HTML 5Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 6Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 7Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 8Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 9Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 10Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 11Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 12Page - Analog Devices AD9235BRURL7-65 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AD9235
Data Sheet
Rev. D | Page 8 of 40
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AD9235
TOP VIEW
(Not to Scale)
MODE
SENSE
VREF
AVDD
REFT
REFB
OTR
D10
D9
D8
D7
DGND
DRVDD
AGND
VIN+
VIN–
PDWN
AVDD
AGND
D6
D5
D4
D0 (LSB)
CLK
D1
D2
D3
D11 (MSB)
Figure 3. 28-Lead TSSOP Pin Configuration
NOTES
1. DNC = DO NOT CONNECT.
2. IT IS RECOMMENDED THAT THE EXPOSED PADDLE
BE SOLDERED TO THE GROUND PLANE.
D8
D9
D10
D11 (MSB)
OTR
MODE
SENSE
VREF
D1
D0 (LSB)
DNC
DNC
PDWN
DNC
CLK
DNC
AD9235
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Figure 4. 32-Lead LFCSP Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
28-Lead TSSOP
Pin No.
32-Lead LFCSP
Mnemonic
Description
1
21
OTR
Out-of-Range Indicator.
2
22
MODE
Data Format and Clock Duty Cycle Stabilizer (DCS) Mode Selection.
3
23
SENSE
Reference Mode Selection.
4
24
VREF
Voltage Reference Input/Output.
5
25
REFB
Differential Reference (−).
6
26
REFT
Differential Reference (+).
7, 12
27, 32
AVDD
Analog Power Supply.
8, 11
28, 31
AGND
Analog Ground.
9
29
VIN+
Analog Input Pin (+).
10
30
VIN–
Analog Input Pin (−).
13
2
CLK
Clock Input Pin.
14
4
PDWN
Power-Down Function Selection (Active High).
15 to 22, 25 to 28
7 to 14, 17 to 20
D0 (LSB) to D11 (MSB)
Data Output Bits.
23
15
DGND
Digital Output Ground.
24
16
DRVDD
Digital Output Driver Supply. Must be decoupled to DGND with a minimum.
0.1 µF capacitor. Recommended decoupling is 0.1 µF in parallel with 10 µF.
1, 3, 5, 6
DNC
Do Not Connect.
EP
EPAD
Exposed Pad. It is recommended that the exposed paddle be soldered to the
ground plane. There is an increased reliability of the solder joints and maxi-
mum thermal capability of the package is achieved with exposed paddle
soldered to the customer board.


Similar Part No. - AD9235BRURL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BRURL7-65 AD-AD9235BRURL7-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9235BRURL7-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com