Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1092QC1-12V Datasheet(PDF) 4 Page - Visual Communications Company

Part # 1092QC1-12V
Description  LED illumination
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1092QC1-12V Datasheet(HTML) 4 Page - Visual Communications Company

  1092QC1-12V Datasheet HTML 1Page - Visual Communications Company 1092QC1-12V Datasheet HTML 2Page - Visual Communications Company 1092QC1-12V Datasheet HTML 3Page - Visual Communications Company 1092QC1-12V Datasheet HTML 4Page - Visual Communications Company 1092QC1-12V Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
08/16 Rev 3
the first call for illuminated components
www.vcclite.com
1.800.522.5546
Product Specifications
Materials
Housing
Lens
Bezel
Tab Terminals
White Nylon UL94 V-2
Polished stainless steel
Transparent Polycarbonate
UL94 V-2
Quick-connect
tinned brass
Installation Specifications
Mounting
Hole
Tab
Terminals
0.500” to 0.505”
(12.70 to 12.83 mm)
0.187” (4.75mm) terminals
Panel
Thickness
0.020” to 0.100”
(0.51 to 2.54 mm)
Voltage Table
12V
Nominal
VAC
VDC
10 to 14
28V
26 to 30
10 to 14
26 to 30
Internal Resistor
12V
390Ω
28V
1200Ω
Temperature Specifications
Operating
Temperature
Storage
Temperature
-40oC to +85oC
-40oF to +185oF
-40oC to +85oC
-40oF to +185oF
0.470” to 0.475”
(11.94 to 12.07 mm)
D-Mounting
Hole
-30oF to +225oF
125V
105 to 125
-
125V
15000Ω + rectifier
diode
4
Part Number SPC472
Material
Buna-N, Durometer A50, black
Installation Specification
Internal Diameter
0.472” (12 mm)
Thickness
0.059” (1.5 mm)
Operational Temperature
SECTION A-A
A
A
Ø.472
[12.00]
Dimensions in inches [mm]
Ø.591
[15.00]
.059
[1.50]
Accessory options [order separately]
The 1092 Gasket is designed to seal many types of media, including water, air, dust, and oil.
The panel gasket is intended to provide a seal between the panel and the 1092 Panel Mount
Indicator.
Meets ASTM D2000 standard.
O-Ring Gasket
25mA
Forward Current
Rating


Similar Part No. - 1092QC1-12V

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
logo
List of Unclassifed Man...
1092-01A-5 ETC-1092-01A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-01A-6 ETC-1092-01A-6 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-02A-5 ETC-1092-02A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-02A-6 ETC-1092-02A-6 Datasheet
998Kb / 8P
   End Launch Connector Series
More results

Similar Description - 1092QC1-12V

ManufacturerPart #DatasheetDescription
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
   Touch-Sensitive Switch with LED Illumination
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
   3-ch. LED Driver for illumination
logo
Rohm
BP5845W ROHM-BP5845W Datasheet
454Kb / 3P
   High-power LED Drivers for Illumination
logo
GREATECS
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
   SMT Slide Switches with LED Illumination
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
   Illumination and Flash RGB-LED Driver
logo
Rohm
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5844 ROHM-BP5844 Datasheet
972Kb / 4P
   Isolated High-power LED Driver for Illumination
logo
Lumileds Lighting Compa...
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
   High-Efficacy, Illumination Grade LED light source
logo
Sanken electric
SEL1013 SANKEN-SEL1013 Datasheet
25Kb / 1P
   5phi Inverted-cone LED for surface illumination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com