Electronic Components Datasheet Search |
|
PCL2224V150B Datasheet(PDF) 1 Page - Visual Communications Company |
|
PCL2224V150B Datasheet(HTML) 1 Page - Visual Communications Company |
1 / 4 page • Low profile flat lenses for uniform illumination • Mounting hardware provided: washer and nut 1 your first call for illuminated components www.vcclite.com 1.800.522.5546 05/17 Rev 1 Applications PCL22 Series Ø 0.88” (22mm) Pilot Light LED Panel Mount Indicator PCL22 Series features a and modern design led pilot light for advance light diffusion, in several colors for easy application in different environments PCL22 Series features a and modern design led pilot light for advance light diffusion, in several colors for easy application in different environments TM 110º VIEWING ANGLE 12VAC/DC 24VAC/DC Key Features • Industrial Machinery • Transportation Dashboards • Instrument Control Panels • Maritime, Oil and Gas Industry • Safety and Outdoor Applications • Slot, Gaming and Vending Machines • Retrofit solution: save energy and reduce costs • Other colors are available upon request • IP65 protection rating protect panels against entry of dust and moisture • Diffused translucent lenses provide uniform illumination • Advance light diffusion technology which eliminate hot spots. • Available in five solid colors (red, green, white, blue and yellow) and one bicolor (red/green). • Resistant to shock and vibration • Pilot lights feature a large lens for a wide viewing angle • Maximum installation torque: 221 ft-lb (300 N-m) • LED Life Expectancy: Approx. 50,000 hours • 2 voltage options: 12VAC/DC and 24VAC/DC • RoHS and REACH Compliant LED COLOR OPTIONS MOUNTING HOLE Ø 22mm • Designed for extreme harsh and outdoor environments. • For panel hole diameter: 0.88" (22mm) IP65 • CE and CCC Mark Approvals • “Double D” mounting hole prevent any rotation of the Pilot Light while the nut is being installed. |
Similar Part No. - PCL2224V150B |
|
Similar Description - PCL2224V150B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |