Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC1006EVB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # QPC1006EVB
Description  0.15 ??2.8 GHz High Power GaN SP3T Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPC1006EVB Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button QPC1006EVB Datasheet HTML 4Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 5Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 6Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 7Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 8Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 9Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 10Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 11Page - TriQuint Semiconductor QPC1006EVB Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
QPC1006
0.15 to 2.8 GHz High Power GaN SP3T Switch
Data Sheet Rev A. March 31, 2017 | Subject to change without notice
8 of 17
www.qorvo.com
®
Performance Plots
 – Compression (Pulsed)
Notes:
RFC = Port1; RF1 = Port 2; RF2 = Port 3; RF3 = Port4. See Logic table on Page 13 for Voltage controls
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
32
34
36
38
40
42
44
46
48
Input Power (dBm)
RF1: Insertion Loss vs. P
IN vs. Freq.
0.15 GHz
0.5 GHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
2.8 GHz
V
C1+ = 0 V, VC2+ = -40 V, VC3+ = -40 V
Pulsed RF: PW = 100µs; DC = 10%
Temp. = 25 ˚C
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
32
34
36
38
40
42
44
46
48
Input Power (dBm)
RF1: Insertion Loss vs. P
IN vs. VC
-20V
-30V
-40V
-50V
Pulsed RF: PW = 100µs; DC = 10%
V
C1+ = 0 V, Temp. = 25˚C, Freq. = 0.15 GHz
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
32
34
36
38
40
42
44
46
48
Input Power (dBm)
RF1: Insertion Loss vs. P
IN vs. VC
-20V
-30V
-40V
-50V
V
C1+ = 0 V, Temp. = 25˚C, Freq. = 1.0 GHz
Pulsed RF: PW = 100µs; DC = 10%
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
30
32
34
36
38
40
42
44
46
48
Input Power (dBm)
RF1: Insertion Loss vs. P
IN vs. VC
-20V
-30V
-40V
-50V
V
C1+ = 0 V, Temp. = 25˚C, Freq. = 2.8 GHz
Pulsed RF: PW = 100µs; DC = 10%
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
30
32
34
36
38
40
42
44
46
48
Input Power (dBm)
Insertion Loss: RF1 vs. RF2 vs. RF3 vs. PIN
RF1 = ON: VC1+ = 0 V, VC2+ = -40 V, VC3+ = -40 V
RF2 = ON: VC1+ = -40 V, VC2+ = 0 V, VC3+ = -40 V
RF3 = ON: VC1+ = -40 V, VC2+ = -40 V, VC3+ = 0 V
Pulsed RF: PW = 100µs; DC = 10%
Freq. = 0.15 GHz: RF1 / RF2 / RF3
Freq. = 1.0 GHz: RF1 / RF2 / RF3
Freq. = 2.8 GHz: RF1 / RF2
/ RF3
Temp. = 25
°C


Similar Part No. - QPC1006EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC1006EVB QORVO-QPC1006EVB Datasheet
724Kb / 16P
   0.15 – 2.8 GHz High Power GaN SP3T Switch
Rev B. July 16, 2019
More results

Similar Description - QPC1006EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
   0.15 ??2.8 GHz High Power GaN SPDT Switch
logo
Qorvo, Inc
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
   2.8 ??3.5 GHz 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGS2355 TRIQUINT-TGS2355_15 Datasheet
709Kb / 12P
   0.5-6 GHz High Power GaN Switch
logo
Tyco Electronics
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
   GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
Qorvo, Inc
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
   2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
   GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
   GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Alpha Industries
AS202-321 ALPHA-AS202-321 Datasheet
83Kb / 2P
   PHEMT GaAs IC High Power SP3T Switch DC-2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com