Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC3614 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPC3614
Description  75(ohm) 5 ??500MHz Digital Step Attenuator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPC3614 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPC3614 Datasheet HTML 1Page - TriQuint Semiconductor QPC3614 Datasheet HTML 2Page - TriQuint Semiconductor QPC3614 Datasheet HTML 3Page - TriQuint Semiconductor QPC3614 Datasheet HTML 4Page - TriQuint Semiconductor QPC3614 Datasheet HTML 5Page - TriQuint Semiconductor QPC3614 Datasheet HTML 6Page - TriQuint Semiconductor QPC3614 Datasheet HTML 7Page - TriQuint Semiconductor QPC3614 Datasheet HTML 8Page - TriQuint Semiconductor QPC3614 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
QPC3614
75Ω 5 −1500MHz Digital Step Attenuator
Data Sheet Rev. C, October 11, 2017 | Subject to change without notice
- 1 of 19 -
www.qorvo.com
®
20 Pin 4.2
 x 4.2mm QFN Package
Key Features
• 6-Bit, 31.5dB Range, 0.5dB Step
• Patented Circuit Architecture
• Overshoot-free Transient Switching Performance
• Frequency Range 5MHz to 1500MHz
• High Linearity, IIP3 65dBm Typical at 1GHz
• Serial and Parallel Control Interface
• Fast Switching Speed, <500nsec Typical
• RF Pads Have No DC Voltage; Can be DC Grounded
Externally
• Option to Turn Off Negative Voltage Generator and
Supply VSS Externally
• Power-up Default Setting Is Maximum Attenuation
Product Overview
The QPC3614 is a
75Ω 6-bit digital step attenuator (DSA)
that features high
linearity over the entire 31.5 dB gain
control range in 0.5 dB steps and has a low insertion loss
of 1.2dB at
1 GHz. The QPC3614 features three modes of
control:
serial,
latched
parallel,
and
direct
parallel
programming.
Patented
circuit
architecture
provides
overshoot-free transient switching performance. QPC3614
is available in a 20-pin 4.2mm x 4.2mm x 0.90mm QFN
package.
Functional Block Diagram
Top View
Ordering Information
Part No.
Description
QPC3614SQ
Sample bag with 25 pieces
QPC3614SR
7" Reel with 100 pieces
QPC3614TR13
13" Reel with 2500 pieces
QPC3614PCK
5 - 1500
 MHz PCBA with 5 pc. sample bag
Applications
• Optical Nodes
• Point-to-Point
• MDU Amplifiers
• Pre-amplifier Attenuation
• Inter-stage Attenuation
• Return Attenuation
• AGC
• Tilt Control
19
1
2
3
4
18
17
16
14
13
12
11
6
7
8
9
6-BIT DSA
LOGIC CONTROL
C16
RFIN
DATA
CLK
C8
RFOUT
PBAR/S
VSS
5
10
15
20
LE
GND


Similar Part No. - QPC3614

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3614 QORVO-QPC3614 Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
QPC3614PCK QORVO-QPC3614PCK Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
QPC3614SQ QORVO-QPC3614SQ Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
QPC3614SR QORVO-QPC3614SR Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
QPC3614TR13 QORVO-QPC3614TR13 Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
More results

Similar Description - QPC3614

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3614 QORVO-QPC3614 Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Qorvo, Inc
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
   75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com