Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC6742SQ Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPC6742SQ
Description  75(ohm) SP4T Switch 5MHz to 2000MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPC6742SQ Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPC6742SQ Datasheet HTML 1Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 2Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 3Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 4Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 5Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 6Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 7Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 8Page - TriQuint Semiconductor QPC6742SQ Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
QPC6742
75Ω SP4T Switch 5MHz to 2000MHz
Data Sheet Rev.A , November 1, 2017 | Subject to change without notice
- 2 of 14 -
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage, VDD
+2.7
+3
+5.5
V
Temperature Range
−40
+85
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Control Voltage (VC1, C2)
+3.0V
Supply Voltage (VDD)
+6.0V
Maximum CW Input Power at 25°C
+35dBm
Storage Temperature Range
−40 to +150°C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions (1)
Min
Typ
Max
Units
Frequency Range
5
2000
MHz
Insertion Loss
(RFC to RF1/RF2/RF3/RF4)
5MHz
0.2
dB
50MHz
0.3
800MHz
0.35
1.2GHz
0.4
2GHz
0.45
Isolation
(RFC to RF1/RF2/RF3/RF4)
5MHz
49
dB
50MHz
58
800MHz
34
1.2GHz
30
2GHz
26
Isolation
(RF1/RF2/RF3/RF4)
5MHz
47
dB
50MHz
51
800MHz
29
1.2GHz
25
2GHz
21
Return Loss
5MHz
43
dB
50MHz
36
800MHz
19
1.2GHz
20
2GHz
19
Notes:
1. Test Conditions Unless Otherwise Specified: TA = +25°C, VDD = +5V, VC1,C2 = 0/+2.5V, 75Ω system.


Similar Part No. - QPC6742SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC6742SQ QORVO-QPC6742SQ Datasheet
1Mb / 22P
   75Ω SP4T Switch 5MHz to 2000MHz
Rev.E, December 7, 2023
More results

Similar Description - QPC6742SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC6762 TRIQUINT-QPC6762 Datasheet
1Mb / 14P
   75(ohm) SP6T Switch 5MHz to 2000MHz
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
   5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
logo
Integrated Device Techn...
F2270 IDT-F2270 Datasheet
4Mb / 28P
   75(ohm) Voltage Variable Attenuator 5MHz to 3000MHz
logo
RF Micro Devices
SGL0363Z RFMD-SGL0363Z Datasheet
828Kb / 11P
   5MHz to 2000MHz LOW NOISE AMPLIFIER SILICON GERMANIUM
logo
Renesas Technology Corp
F2971 RENESAS-F2971 Datasheet
5Mb / 18P
   75廓 SP2T RF Switch 5MHz to 3000MHz
logo
Pasternack Enterprises,...
PE7130 PASTERNACK-PE7130_14 Datasheet
424Kb / 3P
   50 Ohm SMA SP4T PIN Diode Switch
PE71S5004 PASTERNACK-PE71S5004 Datasheet
1Mb / 7P
   75 dB High Isolation SP4T PIN Diode Switch
PE7127 PASTERNACK-PE7127_14 Datasheet
424Kb / 3P
   50 Ohm SMA SP4T PIN Diode Switch
logo
RF Micro Devices
RFSA2654 RFMD-RFSA2654 Datasheet
791Kb / 9P
   SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
logo
Pasternack Enterprises,...
PE9627 PASTERNACK-PE9627 Datasheet
76Kb / 1P
   75 OHM N MALE TO 75 OHM TNC FEMALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com