Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPC3614TR13 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPC3614TR13
Description  75(ohm) 5 ??500MHz Digital Step Attenuator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPC3614TR13 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPC3614TR13 Datasheet HTML 1Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 2Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 3Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 4Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 5Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 6Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 7Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 8Page - TriQuint Semiconductor QPC3614TR13 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
QPC3614
75Ω 5 −1500MHz Digital Step Attenuator
Data Sheet Rev. C, October 11, 2017 | Subject to change without notice
- 2 of 19 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
-
0.5 to + 6.0V
Supply Voltage (VSS)
-
6.0 to + 0.5V
All Other DC and Logic Pads (Supply
Voltage Must Be Applied Prior to Any
Other Pin Voltage)
-0.5 to VDD
Maximum Input Power at RFIN Pad at
85 °C Case Temperature
+30dBm
Maximum Input Power at RFOUT Pad at
85 °C Case Temperature
+27dBm
Storage Temperature Range
-40 to +150°C
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage, VDD
+2.7
+5.0
+5.5
V
Supply Voltage, VSS
-5.5
-5.0
-4.5
V
Temperature Range
-40
+85
°C
Junction Temperature
+125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (IDD)
Steady state operation, current draw during
attenuation state transitions is higher.
190
µA
Supply Current (ISS)
Steady state operation, current draw during
attenuation state transitions is higher.
110
µA
Frequency Range
5
1500
MHz
Insertion Loss
1GHz
1.2
Maximum Attenuation
31.5
dB
Absolute Attenuation Error
±(0.2 + 4%)
dB
Input IP3
1GHz, Two tones, 13dBm/tone
65
dBm
Input P0.1dB(2)
30
dBm
MER
75dBmV composite, 885MHz
40
dB
CCN
75dBmV composite, 885MHz
49
dB
Return Loss
5MHz
– 1200MHz, all states
18
dB
Input and Output
Impedance
75
Ω
Switching Speed
50% control to 10% / 90% RF
150
nsec
Digital Logic Low
0.63
V
Digital Logic High
1.17
V
Thermal Resistance, θjc
Junction to case
67
°C/W
Notes:
1. Typical performance at these conditions: Temp = +25°C, 1000MHz, VDD = +5V, VSS = 0
V, 75Ω system.
2. Figure of merit
– exceeds maximum input power of device.
3. MER Test Conditions: 190 QAM256 Channels, 57-1215MHz, ITU-T J.83, Annex B
4. CCN test procedure according to ANSI/SCTE 17. System BW 5.36MHz.


Similar Part No. - QPC3614TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3614TR13 QORVO-QPC3614TR13 Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
More results

Similar Description - QPC3614TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3614 QORVO-QPC3614 Datasheet
2Mb / 19P
   75廓 5 ??500MHz Digital Step Attenuator
Feb 28, 2018
logo
Integrated Device Techn...
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Qorvo, Inc
QPC4614 QORVO-QPC4614 Datasheet
2Mb / 21P
   75Ω 5 −2000MHz Digital Step Attenuator
August 5, 2021
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
DAT-15R5A-SN MINI-DAT-15R5A-SN Datasheet
561Kb / 8P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com