Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1004S2 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # QPD1004S2
Description  25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1004S2 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button QPD1004S2 Datasheet HTML 4Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 9Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 10Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 11Page - TriQuint Semiconductor QPD1004S2 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
QPD1004
25W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. C
- 8 of 20 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Load Pull Smith Charts1, 2
Notes:
1.
Vd = 50 V, IDQ = 50 mA, Pulsed signal with 100 us pulse width and 10 % duty cycle.
2.
See page 15 for load pull and source pull reference planes.
1 GHz, Load-pull
45.8
45.6
45.4
45.2
45
17.6
17.1
16.6
16.1
15.6
71.3
69.3
67.3
65.3
63.3
61.3
Max Power is 46dBm
at Z = 20.887+9.67i
= -0.1911+0.2126i
Max Gain is 18dB
at Z = 19.02+28.458i
= 0.0177+0.5343i
Max PAE is 73.2%
at Z = 28.668+23.308i
= 0.0584+0.3541i
Zo = 33.3
3dB Compression Referenced to Peak Gain
Zs(1fo) = 41.9-11.87i
Zs(2fo) = 21.55-32.61i
Power
Gain
PAE


Similar Part No. - QPD1004S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1003 QORVO-QPD1003 Datasheet
1Mb / 18P
   500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
QPD1003PCB401 QORVO-QPD1003PCB401 Datasheet
1Mb / 18P
   500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
QPD1006 QORVO-QPD1006 Datasheet
644Kb / 16P
   450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
QPD1006EVB4 QORVO-QPD1006EVB4 Datasheet
644Kb / 16P
   450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
QPD1008 QORVO-QPD1008 Datasheet
1Mb / 23P
   125W, 50V, DC – 3.2 GHz, GaN RF Transistor
Rev. E, May 2020
More results

Similar Description - QPD1004S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1014 QORVO-QPD1014 Datasheet
2Mb / 21P
   15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
   30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
   30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
   GaN RF Input-Matched Transistor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
   1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com