Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER156 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER156
Description  1.5 AMP. High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HER156 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HER156 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER156 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
DO-15
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application.
Mechanical Data
Case: Molded plastic DO-15
Epoxy: UL 94V0 rate flame retardant
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.0
1.3
1.7
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
nS
Typical Junction Capacitance
( Note 2 )
Cj
50
35
pF
Typical thermal resistance
RθJA
60
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.
HER151-HER158
1.5 AMP. High Efficient Rectifiers
ht
t
p
:
//
www.lgesemi .com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - HER156

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER156 WTE-HER156 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Goodwork Semiconductor ...
HER156 GWSEMI-HER156 Datasheet
69Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER156 TSC-HER156 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Nanjing International G...
HER156 DGNJDZ-HER156 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
RFE international
HER156 RFE-HER156 Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
More results

Similar Description - HER156

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER151G LUGUANG-HER151G Datasheet
1Mb / 2P
   1.5 AMP. Glass Passivated High Efficient Rectifiers
logo
Micro Commercial Compon...
HER151 MCC-HER151 Datasheet
238Kb / 2P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151_13 Datasheet
250Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151_11 Datasheet
238Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151 Datasheet
267Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151 Datasheet
57Kb / 2P
   1.5 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Daya Electric Group Co....
HER151 DAYA-HER151 Datasheet
288Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101S LUGUANG-HER101S Datasheet
1Mb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com