Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD1004EVB1 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # QPD1004EVB1
Description  25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1004EVB1 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button QPD1004EVB1 Datasheet HTML 6Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 7Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 8Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 9Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 10Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 11Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 12Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 13Page - TriQuint Semiconductor QPD1004EVB1 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
QPD1004
25W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. C
- 10 of 20 -
Disclaimer: Subject to change without notice
© 2017 Qorvo
www.qorvo.com
Typical Performance
– Load Pull Drive-up
Notes:
1.
Pulsed signal with 100 us pulse width and 10 % duty cycle, Vd = 50 V, IDQ = 50 mA
2.
See page 15 for load pull and source pull reference planes where the performance was measured.
30
32
34
36
38
40
42
44
46
48
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
0.6 GHz - Power Tuned
Zs(1fo) = 50.77-18.23i
Zs(2fo) = 97.01+11.6i
Zl(1fo) = 25.2+7.76i
Zl(2fo) = 23.15-10.04i
30
32
34
36
38
40
42
44
46
48
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
30
32
34
36
38
40
42
44
46
18
19
20
21
22
23
24
25
26
27
28
Output Power [dBm]
Gain and PAE vs. Output Power
0.6 GHz - Efficiency Tuned
Zs(1fo) = 50.77-18.23i
Zs(2fo) = 97.01+11.6i
Zl(1fo) = 33.95+36.62i
Zl(2fo) = 24.31-9.64i
30
32
34
36
38
40
42
44
46
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
30
32
34
36
38
40
42
44
46
48
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
0.8 GHz - Power Tuned
Zs(1fo) = 52.3-10.19i
Zs(2fo) = 15.47-17.6i
Zl(1fo) = 25.28+7.72i
Zl(2fo) = 21.41-12.12i
30
32
34
36
38
40
42
44
46
48
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
30
32
34
36
38
40
42
44
46
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
0.8 GHz - Efficiency Tuned
Zs(1fo) = 52.3-10.19i
Zs(2fo) = 15.47-17.6i
Zl(1fo) = 35.71+22.97i
Zl(2fo) = 21.47-12.28i
30
32
34
36
38
40
42
44
46
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
30
32
34
36
38
40
42
44
46
48
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
1 GHz - Power Tuned
Zs(1fo) = 41.9-11.87i
Zs(2fo) = 21.55-32.61i
Zl(1fo) = 20.89+9.67i
Zl(2fo) = 41.66-17.91i
30
32
34
36
38
40
42
44
46
48
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE
30
32
34
36
38
40
42
44
46
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and PAE vs. Output Power
1 GHz - Efficiency Tuned
Zs(1fo) = 41.9-11.87i
Zs(2fo) = 21.55-32.61i
Zl(1fo) = 28.67+23.31i
Zl(2fo) = 38.32-15.7i
30
32
34
36
38
40
42
44
46
0
10
20
30
40
50
60
70
80
90
100
Gain
PAE


Similar Part No. - QPD1004EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1003 QORVO-QPD1003 Datasheet
1Mb / 18P
   500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
QPD1003PCB401 QORVO-QPD1003PCB401 Datasheet
1Mb / 18P
   500W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
June 14, 2019
QPD1006 QORVO-QPD1006 Datasheet
644Kb / 16P
   450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
QPD1006EVB4 QORVO-QPD1006EVB4 Datasheet
644Kb / 16P
   450W, 50V, 1.2 ??1.4 GHz, GaN RF IMFET
Oct 1, 2020
QPD1008 QORVO-QPD1008 Datasheet
1Mb / 23P
   125W, 50V, DC – 3.2 GHz, GaN RF Transistor
Rev. E, May 2020
More results

Similar Description - QPD1004EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1014 QORVO-QPD1014 Datasheet
2Mb / 21P
   15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
logo
TriQuint Semiconductor
QPD1011 TRIQUINT-QPD1011 Datasheet
1Mb / 25P
   30 ??1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1011 QORVO-QPD1011 Datasheet
1Mb / 23P
   30 – 1200 MHz, 50 V, 7 W GaN RF Input-Matched Transistor
January 2022
logo
TriQuint Semiconductor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
   GaN RF Input-Matched Transistor
QPD1020 TRIQUINT-QPD1020 Datasheet
1Mb / 22P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1020 QORVO-QPD1020 Datasheet
1Mb / 21P
   2.7 ??3.5 GHz, 50 V, 30 W GaN RF Input-Matched Transistor
QPD1026L QORVO-QPD1026L Datasheet
1Mb / 19P
   1300 W, 65 V, 420 ??450 MHz, GaN RF Input-Matched Transistor
December 2018
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com